Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5014 Datasheet(PDF) 5 Page - NEC

Part # 2SC5014
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5014 Datasheet(HTML) 5 Page - NEC

  2SC5014 Datasheet HTML 1Page - NEC 2SC5014 Datasheet HTML 2Page - NEC 2SC5014 Datasheet HTML 3Page - NEC 2SC5014 Datasheet HTML 4Page - NEC 2SC5014 Datasheet HTML 5Page - NEC 2SC5014 Datasheet HTML 6Page - NEC 2SC5014 Datasheet HTML 7Page - NEC 2SC5014 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5014
5
S-PARAMETER
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.823
–8.8
11.035
169.7
.009
88.8
.985
–5.7
200.00
.793
–18.1
10.640
159.5
.020
84.1
.957
–11.0
300.00
.749
–26.0
10.141
150.5
.033
72.2
.930
–15.8
400.00
.695
–33.0
9.390
142.2
.042
73.5
.885
–20.1
500.00
.635
–39.4
8.859
134.0
.049
68.9
.842
–23.8
600.00
.590
–45.4
8.274
127.8
.055
63.7
.795
–26.8
700.00
.539
–51.0
7.737
121.6
.059
64.9
.761
–29.5
800.00
.498
–55.5
7.130
116.0
.069
60.0
.720
–32.3
900.00
.448
–59.6
6.637
111.1
.073
60.3
.685
–33.3
1000.00
.410
–63.7
6.241
106.5
.078
58.1
.666
–34.7
1100.00
.374
–67.3
5.816
102.6
.079
56.9
.638
–36.7
1200.00
.340
–70.7
5.403
98.4
.084
58.3
.619
–38.1
1300.00
.306
–74.1
5.119
95.1
.094
57.5
.591
–39.6
1400.00
.285
–77.1
4.838
91.6
.094
56.5
.577
–40.9
1500.00
.249
–80.7
4.587
88.1
.102
55.4
.556
–42.0
1600.00
.230
–82.9
4.351
85.2
.110
54.0
.544
–43.2
1700.00
.211
–90.3
4.155
82.8
.110
54.5
.520
–44.4
1800.00
.189
–93.1
3.961
79.7
.116
52.7
.520
–46.1
1900.00
.180
–93.5
3.780
77.3
.123
51.6
.508
–47.4
2000.00
.160
–101.3
3.645
74.1
.124
50.4
.505
–49.4
2100.00
.132
–103.4
3.473
71.8
.126
51.8
.485
–50.7
2200.00
.116
–113.9
3.340
68.6
.139
50.2
.477
–51.6
2300.00
.112
–115.1
3.199
67.1
.140
50.2
.481
–52.4
2400.00
.091
–121.2
3.095
64.8
.148
48.0
.452
–53.5
2500.00
.082
–127.8
2.992
62.1
.148
50.0
.451
–55.5
2600.00
.078
–138.4
2.896
59.8
.157
45.7
.451
–55.1
2700.00
.070
–147.3
2.779
58.7
.166
45.5
.452
–58.6
2800.00
.076
–149.6
2.719
55.5
.163
44.2
.446
–61.7
2900.00
.065
–158.2
2.614
54.0
.164
45.8
.431
–61.1
3000.00
.072
–165.5
2.532
51.4
.173
42.6
.432
–64.4
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.884
–6.6
8.068
172.0
.011
93.9
.992
–4.4
200.00
.860
–14.2
7.892
163.8
.024
80.0
.977
–9.0
300.00
.834
–20.5
7.693
156.3
.032
80.2
.958
–13.3
400.00
.796
–26.7
7.283
149.2
.042
76.9
.925
–17.0
500.00
.748
–32.8
7.076
141.6
.052
67.6
.895
–21.1
600.00
.717
–38.2
6.761
136.1
.058
67.4
.862
–24.5
700.00
.669
–43.8
6.499
129.9
.070
63.3
.836
–26.7
800.00
.628
–48.0
6.091
124.2
.073
59.3
.793
–30.8
900.00
.578
52.7
5.764
119.2
.083
60.1
.762
–32.5
1000.00
.536
–56.1
5.505
114.4
.092
56.6
.743
–35.1
1100.00
.500
–61.3
5.203
110.3
.097
56.4
.712
–36.7
1200.00
.468
–64.2
4.885
105.5
.100
55.4
.691
–38.3
1300.00
.431
–68.0
4.675
101.9
.100
54.5
.657
–40.0
1400.00
.399
–72.0
4.449
98.1
.108
53.8
.645
–42.5
1500.00
.366
–75.4
4.243
94.4
.113
51.2
.615
–44.0
1600.00
.338
–78.3
4.047
91.0
.116
51.6
.599
–45.4
1700.00
.318
–82.5
3.904
88.5
.122
50.7
.578
–46.7
1800.00
.285
–86.3
3.719
84.9
.120
48.6
.572
–48.2
1900.00
.267
–87.6
3.566
82.3
.133
47.7
.556
–49.2
2000.00
.247
–94.1
3.456
79.0
.137
44.6
.552
–52.5
2100.00
.217
–96.8
3.295
76.4
.142
48.1
.531
–53.6
2200.00
.203
–100.7
3.179
73.0
.142
44.9
.525
–54.4
2300.00
.190
–105.0
3.068
71.1
.146
44.0
.518
–54.8
2400.00
.167
–105.7
2.958
68.5
.147
42.7
.492
–56.1
2500.00
.160
–112.6
2.883
65.9
.159
42.0
.492
–58.4
2600.00
.140
–120.1
2.772
63.4
.162
43.1
.481
–58.7
2700.00
.134
–123.6
2.690
61.9
.161
43.7
.470
–61.6
2800.00
.130
–125.1
2.621
58.8
.169
38.4
.472
–64.0
2900.00
.128
–133.0
2.523
57.0
.173
41.4
.468
–64.0
3000.00
.108
–132.3
2.453
54.2
.175
39.1
.461
–67.8


Similar Part No. - 2SC5014

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
2SC5010 CEL-2SC5010 Datasheet
1Mb / 9P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5010-T1 NEC-2SC5010-T1 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010-T1 RENESAS-2SC5010-T1 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5014

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com