Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2402GTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2402GTRPBF
Description  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402GTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML2402GTRPBF Datasheet HTML 1Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 2Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 3Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 4Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 5Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 6Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 7Page - International Rectifier IRLML2402GTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLML2402GPbF
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
A customized leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint. This
package, dubbed the Micro3, is ideal for applications
where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards.
VDSS = 20V
RDS(on) = 0.25Ω
HEXFET® Power MOSFET
Description
12/14/11
l
Generation V Technology
l
Ultra Low On-Resistance
l
N-Channel MOSFET
l
SOT-23 Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
l
Lead-Free
l Halogen
-Free
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
1.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
0.95
A
IDM
Pulsed Drain Current 
7.4
PD@TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W
www.irf.com
1
Micro3
D
S
G
3
1
2
PD - 96162A


Similar Part No. - IRLML2402GTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2402 IRF-IRLML2402 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
202Kb / 8P
   HEXFET POWER MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
210Kb / 8P
   HEXFET POWER MOSFET
logo
Guangdong Kexin Industr...
IRLML2402 KEXIN-IRLML2402 Datasheet
2Mb / 5P
   N-Channel MOSFET
IRLML2402-3 KEXIN-IRLML2402-3 Datasheet
2Mb / 5P
   N-Channel MOSFET
More results

Similar Description - IRLML2402GTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com