Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCWL2520104R7MTFQ Datasheet(PDF) 6 Page - Socay Electornics Co., Ltd.

Part # SCWL2520104R7MTFQ
Description  Wire-wound Type Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCWL2520104R7MTFQ Datasheet(HTML) 6 Page - Socay Electornics Co., Ltd.

  SCWL2520104R7MTFQ Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCWL2520104R7MTFQ Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCWL2520104R7MTFQ Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCWL2520104R7MTFQ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 4 page
background image
Wire-wound Type Power Inductor
Revision February 12, 2014
6 / 6
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCWL252010XXXXQ Series
SOCAY Electronics Co., Ltd.
www.socay.com
Test Item
Performance
Test Method and Remarks
Operating Temperature
-55 ~ +125
ºC (For products in unopened tape
package, less than 40
ºC)
Electrical Performance Test
Inductance L
Agilent-4291, Agilent-4287
Q
Agilent-4192, Agilent-4285
SRF
Agilent-4192
DC Resistance
Refer to standard electrical characteristic list
Agilent-4338
Rated Current
Base on temp. rise &
L/L0A
≤30%
Saturation DC Current (Isat) will
cause L0 to drop
approximately
L(%)
Mechanical Performance Test
Solder Heat Resistance
Appearance:No damage Temperature
Inductance:within
±10% of initial value
Q:Shall not exceed the specification value
RDC:within
±15% of initial value and shall not
exceed the specification value
Depth: completely cover the termination
Temperature
(
ºC)
Time (s)
Temperature
ramp/immersion
and emersion rate
Number of
heat cycles
260±5
(Solder Temp)
10±1
25mm/s±6mm/s
1
Solderability Test
More than 95% of terminal electrode should be
covered with solder
After fluxing, component shall be dipped in a melted solder bath at
235±25ºC for 4±1seconds
Reliability Test
Life Test
Preconditioning:
Run through IR
reflow for 2 times.
IPC/JEDEC J-STD-020D Classification Reflow Profiles
Temperature:
125
±2ºC(Bead)
Temperature:
85
±2ºC(Inductor)
Applied current:
rated current
Duration:
1000
±12hrs
Measured at room temperature after placing for 24
±2 hrs
Thermal shock
Preconditioning:
Run through IR
reflow for 2 times.
IPC/JEDEC J-STD-020D Classification Reflow Profiles
Step1: -40
±2ºC 30±5min
Step2: 25
±2ºC ≤0.5min
Step3: 105
±2ºC 30±5min Number of cycles: 500
Measured at room temperature after placing for 24
±2 hrs
Humidity Resistance Test
Preconditioning:
Run through IR
reflow for 2 times.
IPC/JEDEC J-STD-020D Classification Reflow Profiles
Humidity:
85
±2﹪R.H,
Temperature:
85
ºC±2ºC
Duration:
1000hrs Min. with 100% rated current
Measured at room temperature after placing for 24
±2 hrs
Vibration Test
Appearance: No damage
Inductance: within
±10% of initial value
Q: shall not exceed the specification value.
RDC: within
±15% of initial value and shall not
exceed the specification value
Preconditioning:
Run through IR
reflow for 2 times.
IPC/JEDEC J-STD-020D Classification Reflow Profiles
Oscillation
Frequency:
10~2K~10Hz
for
20
minutes
Equipment:
Vibration checker
Total Amplitude: 0.15mm
±10%
Testing Time: 12 hours(20 minutes, 12 cycles each of 3
orientations)
Reliability and Test Condition


Similar Part No. - SCWL2520104R7MTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL2520101R0MTF SOCAY-SCWL2520101R0MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL2520102R2MTF SOCAY-SCWL2520102R2MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL252010R68MTF SOCAY-SCWL252010R68MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
More results

Similar Description - SCWL2520104R7MTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com