Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCWL252010R68YTFQ Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SCWL252010R68YTFQ
Description  Wire-wound Type Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCWL252010R68YTFQ Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SCWL252010R68YTFQ Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCWL252010R68YTFQ Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCWL252010R68YTFQ Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCWL252010R68YTFQ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire-wound Type Power Inductor
Revision February 12, 2014
2 / 6
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCWL252010XXXXQ Series
SOCAY Electronics Co., Ltd.
www.socay.com
I sat (A)
I rms (A)
Part Number
Inductance
(
μH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR (
Ω)
±20%
Typ.
Max.
Typ.
Max.
SCWL252010R47YTFQ
0.47
±30%
0.1V / 1M
0.030
2.85
2.57
2.80
2.50
SCWL252010R68YTFQ
0.68
±30%
0.1V / 1M
0.039
2.70
2.45
2.45
2.20
SCWL2520101R0YTFQ
1.0
±30%
0.1V / 1M
0.055
2.45
2.05
2.20
1.80
SCWL2520101R5YTFQ
1.5
±30%
0.1V / 1M
0.090
1.80
1.70
1.70
1.55
SCWL2520102R2MTFQ
2.2
±20%
0.1V / 1M
0.125
1.60
1.55
1.55
1.40
SCWL2520104R7MTFQ
4.7
±20%
0.1V / 1M
0.250
1.10
0.95
1.05
0.92
Note:
1. Isat: Based on inductance change (
L/L0
:≦-30%) @ ambient temp. 25
ºC
2. Irms: Based on temperature rise
(T
△ : 40
ºC typ.)
Electrical Characteristics
Current Characteristics
SCWL252010Q-R47Y-ZF
SCWL252010Q-R68Y-ZF
SCWL252010Q-1R5Y-ZF
SCWL252010Q-1R0Y-ZF


Similar Part No. - SCWL252010R68YTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R68MTF SOCAY-SCWL252010R68MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
More results

Similar Description - SCWL252010R68YTFQ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com