Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5012 Datasheet(PDF) 5 Page - NEC

Part # 2SC5012
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5012 Datasheet(HTML) 5 Page - NEC

  2SC5012 Datasheet HTML 1Page - NEC 2SC5012 Datasheet HTML 2Page - NEC 2SC5012 Datasheet HTML 3Page - NEC 2SC5012 Datasheet HTML 4Page - NEC 2SC5012 Datasheet HTML 5Page - NEC 2SC5012 Datasheet HTML 6Page - NEC 2SC5012 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC5012
5
S-PARAMETER
VCE = 8 V, IC = 20 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.589
–57.8
34.077
143.4
.016
60.0
.826
–22.7
200.00
.486
–95.2
24.310
121.8
.022
56.3
.644
–30.4
300.00
.436
–119.1
18.108
109.7
.028
59.4
.543
–32.3
400.00
.411
–137.1
14.077
101.8
.031
48.4
.470
–31.9
500.00
.395
–149.6
11.600
95.5
.037
56.9
.430
–32.1
600.00
.398
–158.1
9.826
91.1
.040
60.9
.412
–31.9
700.00
.395
–166.5
8.540
86.9
.045
63.1
.388
–30.4
800.00
.397
–172.9
7.482
83.1
.051
57.9
.372
–31.3
900.00
.401
–179.1
6.693
80.0
.057
66.1
.360
–32.8
1000.00
.407
175.4
6.069
76.6
.061
61.4
.358
–31.8
1100.00
.407
170.1
5.483
73.9
.066
59.3
.342
–33.2
1200.00
.407
167.6
5.019
71.3
.069
59.3
.334
–34.8
1300.00
.420
162.3
4.644
68.9
.076
61.8
.317
–36.0
1400.00
.412
160.0
4.338
66.1
.077
61.2
.330
–37.3
1500.00
.433
156.2
4.052
63.4
.083
58.7
.313
–39.0
1600.00
.432
153.4
3.777
61.2
.088
61.4
.310
–41.4
1700.00
.455
151.2
3.579
58.8
.096
60.0
.297
–41.7
1800.00
.456
146.7
3.373
56.5
.099
59.3
.296
–42.1
1900.00
.453
145.9
3.208
54.8
.101
60.4
.311
–44.8
2000.00
.463
143.2
3.061
52.5
.106
59.9
.298
–49.9
2100.00
.475
141.0
2.917
49.8
.116
56.0
.287
–49.5
2200.00
.486
138.6
2.801
47.2
.119
59.9
.303
–53.3
2300.00
.481
136.8
2.676
45.2
.125
55.2
.290
–58.2
2400.00
.497
133.4
2.573
43.4
.125
55.8
.268
–56.8
2500.00
.502
132.5
2.469
40.7
.132
54.0
.273
–59.7
2600.00
.511
130.8
2.403
38.9
.147
52.8
.290
–59.6
2700.00
.508
129.1
2.306
37.2
.146
54.3
.269
–67.5
2800.00
.504
126.7
2.228
33.8
.147
50.0
.271
–71.7
2900.00
.509
125.7
2.146
32.5
.159
51.0
.273
–66.7
3000.00
.514
123.0
2.068
29.6
.161
46.5
.289
–73.2
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.826
–29.5
14.854
160.0
.024
78.6
.953
–13.4
200.00
.752
–56.0
13.074
142.7
.039
62.0
.850
–24.2
300.00
.682
–77.7
11.233
129.3
.051
54.3
.754
–31.9
400.00
.627
–95.2
9.484
119.1
.059
48.6
.664
–36.2
500.00
.575
–111.1
8.193
110.4
.066
45.3
.586
–39.3
600.00
.555
–122.6
7.199
104.1
.071
41.2
.531
–41.7
700.00
.536
–134.3
6.411
98.1
.075
40.8
.492
–42.3
800.00
.524
–142.8
5.683
92.9
.078
39.9
.452
–45.0
900.00
.517
–150.5
5.136
88.9
.083
41.8
.425
–45.4
1000.00
.512
–158.6
4.702
84.5
.083
43.4
.411
–45.3
1100.00
.504
–164.5
4.293
80.9
.086
41.0
.395
–47.5
1200.00
.501
–169.3
3.925
77.7
.093
41.8
.382
–47.8
1300.00
.501
–175.3
3.661
74.4
.096
42.2
.361
–49.4
1400.00
.505
–178.9
3.424
71.3
.093
43.2
.351
–50.2
1500.00
.504
175.0
3.204
68.1
.099
42.0
.331
–52.6
1600.00
.512
171.4
3.009
65.2
.103
41.1
.330
–53.0
1700.00
.530
167.9
2.858
62.6
.110
44.3
.319
–54.7
1800.00
.529
164.3
2.698
60.0
.110
43.8
.332
–56.5
1900.00
.529
161.1
2.579
57.7
.113
43.5
.315
–58.4
2000.00
.543
158.3
2.455
54.6
.118
43.8
.318
–61.3
2100.00
.536
153.8
2.325
51.0
.122
45.0
.313
–64.0
2200.00
.552
151.0
2.217
48.0
.128
42.4
.300
–67.8
2300.00
.552
149.3
2.119
46.0
.130
41.5
.294
–67.7
2400.00
.548
145.6
2.057
44.4
.135
42.6
.288
–69.6
2500.00
.560
143.8
1.969
41.0
.137
44.7
.290
–74.7
2600.00
.572
140.8
1.913
38.9
.140
41.9
.279
–75.0
2700.00
.572
138.3
1.832
37.3
.149
40.6
.291
–78.0
2800.00
.562
136.4
1.775
34.4
.153
42.9
.290
–82.7
2900.00
.571
135.0
1.728
32.8
.158
40.1
.295
–82.1
3000.00
.588
132.8
1.651
30.1
.164
39.5
.287
–86.4


Similar Part No. - 2SC5012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5012 ISC-2SC5012 Datasheet
272Kb / 3P
   isc Silicon NPN Low Noise Bipolar Transistor
logo
Renesas Technology Corp
2SC5012 RENESAS-2SC5012 Datasheet
189Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
2SC5012-T1 RENESAS-2SC5012-T1 Datasheet
189Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results

Similar Description - 2SC5012

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com