Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3704PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU3704PBF
Description  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3704PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFU3704PBF Datasheet HTML 1Page - International Rectifier IRFU3704PBF Datasheet HTML 2Page - International Rectifier IRFU3704PBF Datasheet HTML 3Page - International Rectifier IRFU3704PBF Datasheet HTML 4Page - International Rectifier IRFU3704PBF Datasheet HTML 5Page - International Rectifier IRFU3704PBF Datasheet HTML 6Page - International Rectifier IRFU3704PBF Datasheet HTML 7Page - International Rectifier IRFU3704PBF Datasheet HTML 8Page - International Rectifier IRFU3704PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
12/13/04
IRFR3704PbF
IRFU3704PbF
SMPS MOSFET
HEXFET® Power MOSFET
Benefits
VDSS
RDS(on) max
ID
20V
9.5m
75A
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D-Pak
I-Pak
IRFR3704
IRFU3704
l Ultra-Low RDS(on)
l Very Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
Notes
 through … are on page 9
l High Frequency DC-DC Isolated
Converters with Synchronous Rectification
for Telecom and Industrial use
Applications
l High Frequency Buck Converters for
Computer Processor Power
l 100% RG Tested
l Lead-Free
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
VGS
Gate-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
e
PD @TA = 70°C
Maximum Power Dissipation
e
Linear Derating Factor
W/°C
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ
Max
Units
RθJC
Junction-to-Case
g
–––
1.7
RθJA
Junction-to-Ambient (PCB Mount) *
g
–––
50
°C/W
RθJA
Junction-to-Ambient
g
–––
110
V
A
W
-55 to +175
90
0.58
62
Max
75
f
63
f
300
20
± 20
PD - 95034A


Similar Part No. - IRFU3704PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3704PBF IRF-IRFU3704PBF Datasheet
217Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFU3704PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com