Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5011 Datasheet(PDF) 6 Page - NEC

Part # 2SC5011
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5011 Datasheet(HTML) 6 Page - NEC

  2SC5011 Datasheet HTML 1Page - NEC 2SC5011 Datasheet HTML 2Page - NEC 2SC5011 Datasheet HTML 3Page - NEC 2SC5011 Datasheet HTML 4Page - NEC 2SC5011 Datasheet HTML 5Page - NEC 2SC5011 Datasheet HTML 6Page - NEC 2SC5011 Datasheet HTML 7Page - NEC 2SC5011 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5011
6
S-PARAMETER
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.865
–39.1
9.662
155.7
.039
72.5
.937
–16.1
200.00
.804
–72.2
8.150
135.9
.069
51.4
.816
–28.0
300.00
.751
–96.9
6.742
121.3
.085
42.4
.703
–35.7
400.00
.717
–115.5
5.560
110.6
.092
36.0
.612
–39.9
500.00
.685
–130.5
4.707
101.8
.096
32.8
.548
–42.9
600.00
.684
–141.5
4.083
95.1
.099
28.6
.499
–45.2
700.00
.673
–151.7
3.602
88.9
.101
27.0
.466
–46.9
800.00
.667
–159.0
3.177
83.4
.099
25.2
.442
–49.3
900.00
.669
–165.6
2.868
79.2
.104
24.9
.422
–50.7
1000.00
.671
–172.4
2.619
74.2
.103
25.8
.407
–52.1
1100.00
.670
–177.9
2.383
70.3
.103
25.0
.395
–54.9
1200.00
.674
179.0
2.173
66.8
.104
25.9
.388
–57.0
1300.00
.672
173.7
2.020
63.1
.105
25.8
.374
–59.8
1400.00
.676
170.6
1.895
59.7
.103
27.3
.374
–62.4
1500.00
.678
165.9
1.768
56.1
.107
28.1
.361
–66.4
1600.00
.686
162.6
1.661
53.1
.105
30.9
.357
–67.8
1700.00
.702
159.1
1.575
49.7
.110
32.6
.358
–71.1
1800.00
.693
156.1
1.492
46.7
.109
33.2
.362
–74.3
1900.00
.698
153.5
1.422
44.3
.113
36.6
.361
–77.8
2000.00
.704
150.7
1.345
41.3
.110
39.1
.367
–82.2
2100.00
.703
147.0
1.283
38.0
.117
38.7
.363
–85.4
2200.00
.713
144.8
1.220
34.9
.130
41.2
.370
–90.4
2300.00
.710
141.8
1.184
32.5
.130
44.1
.361
–92.5
2400.00
.713
139.6
1.136
31.1
.133
42.4
.361
–95.4
2500.00
.737
137.3
1.093
27.2
.148
43.3
.375
–100.4
2600.00
.740
135.1
1.060
26.0
.155
45.6
.370
–102.5
2700.00
.737
132.7
1.011
24.0
.160
44.7
.380
–107.6
2800.00
.733
130.2
.978
20.0
.162
49.3
.388
–112.4
2900.00
.737
128.7
.954
19.6
.178
47.1
.393
–113.0
3000.00
.733
127.0
.898
16.6
.177
44.7
.393
–117.3
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.957
–26.5
3.552
162.8
.044
73.8
.978
–8.1
200.00
.921
–51.4
3.284
146.5
.078
61.3
.931
–15.2
300.00
.882
–72.6
2.966
132.7
.105
50.0
.884
–21.2
400.00
.853
–90.9
2.608
121.0
.124
40.3
.832
–25.5
500.00
.809
–106.5
2.326
110.4
.134
31.8
.783
–29.2
600.00
.805
–119.2
2.090
102.1
.143
26.2
.746
–32.1
700.00
.787
–130.6
1.892
94.2
.146
20.9
.722
–34.4
800.00
.776
–140.2
1.699
87.3
.145
14.7
.699
–38.1
900.00
.775
–148.7
1.553
81.4
.144
13.8
.681
–40.5
1000.00
.769
–156.8
1.430
75.2
.144
10.7
.669
–42.8
1100.00
.763
–163.7
1.317
70.3
.137
6.8
.658
–45.4
1200.00
.760
–168.4
1.206
65.8
.134
6.9
.647
–48.3
1300.00
.760
–174.8
1.135
61.2
.127
3.5
.635
–51.3
1400.00
.759
–178.8
1.064
57.3
.122
2.5
.636
–55.0
1500.00
.758
176.2
.994
52.8
.116
1.3
.623
–58.0
1600.00
.768
171.4
.940
49.1
.109
4.1
.623
–60.9
1700.00
.782
167.3
.899
45.9
.106
6.8
.624
–65.0
1800.00
.775
163.4
.840
42.3
.098
4.2
.628
–68.1
1900.00
.784
160.3
.799
39.4
.089
9.9
.620
–71.5
2000.00
.788
157.1
.761
36.1
.085
13.5
.632
–75.2
2100.00
.784
152.6
.728
32.8
.087
15.9
.627
–79.9
2200.00
.791
150.0
.692
29.2
.082
24.6
.634
–83.7
2300.00
.791
146.7
.658
27.5
.085
33.0
.626
–87.0
2400.00
.795
144.1
.634
26.3
.084
34.7
.625
–90.7
2500.00
.806
140.6
.610
22.7
.094
41.8
.621
–95.2
2600.00
.812
138.6
.585
21.3
.100
47.3
.624
–97.6
2700.00
.811
135.7
.557
20.0
.102
50.1
.639
–102.0
2800.00
.795
132.3
.547
17.2
.120
50.3
.652
–106.4
2900.00
.819
131.0
.528
17.2
.124
54.4
.641
–109.4
3000.00
.797
127.9
.490
14.3
.137
50.9
.658
–113.9


Similar Part No. - 2SC5011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5011 CEL-2SC5011 Datasheet
537Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5011-T1 RENESAS-2SC5011-T1 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results

Similar Description - 2SC5011

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com