Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 13 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 13 Page - NEC

Back Button NL8060AC26-11 Datasheet HTML 9Page - NEC NL8060AC26-11 Datasheet HTML 10Page - NEC NL8060AC26-11 Datasheet HTML 11Page - NEC NL8060AC26-11 Datasheet HTML 12Page - NEC NL8060AC26-11 Datasheet HTML 13Page - NEC NL8060AC26-11 Datasheet HTML 14Page - NEC NL8060AC26-11 Datasheet HTML 15Page - NEC NL8060AC26-11 Datasheet HTML 16Page - NEC NL8060AC26-11 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
NL8060AC26-11
b) DE mode
1
2
(Note: Y = 0 to 599)
1
CLK
Hsync
Thb
1CLK
800CLK (fixed)
Thf
INVALID
INVALID
D (0, Y) D (1, Y)
D (798, Y) D (799, Y)
INVALID
R0 - R5
G0 - G5
B0 - B5
3
2
1
Tvb
Hsync
Vsync
1H
600H (fixed)
1
DE
D (X, 0)
D (X, Y)
D (X, 599)
INVALID
(Note: X = 0 to 799)
INVALID
D (0, Y) D (1, Y)
D (X, Y)
D (799, Y)
INVALID
R0 - R5
G0 - G5
B0 - B5
R0 - R5
G0 - G5
B0 - B5
Thp
DE
DE
Tvp
Tvf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn