Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 11 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 11 Page - NEC

Back Button NL8060AC26-11 Datasheet HTML 7Page - NEC NL8060AC26-11 Datasheet HTML 8Page - NEC NL8060AC26-11 Datasheet HTML 9Page - NEC NL8060AC26-11 Datasheet HTML 10Page - NEC NL8060AC26-11 Datasheet HTML 11Page - NEC NL8060AC26-11 Datasheet HTML 12Page - NEC NL8060AC26-11 Datasheet HTML 13Page - NEC NL8060AC26-11 Datasheet HTML 14Page - NEC NL8060AC26-11 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
NL8060AC26-11
tC
tch
CLK
Hsync
tvhs
tvhh
0.5 VCC
0.7 VCC
0.5 VCC
0.3 VCC
tvrf
Vsync
CLK
thcs
thch
0.5 VCC
0.7 VCC
0.5 VCC
0.3 VCC
thrf
Hsync
0.7 VCC
0.5 VCC
0.3 VCC
terf
DE
(R0-R5) 0.7 VCC
(G0-G5) 0.5 VCC
DATA
tdrf
tdrf
tdh
tds
INVALID
(B0-B5) 0.3 VCC
terf
tes
teh
tes
teh
INVALID
0.7 VCC
0.5 VCC
0.3 VCC
tcrf
tcrf


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn