Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 9 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 9 Page - NEC

Back Button NL8060AC26-11 Datasheet HTML 5Page - NEC NL8060AC26-11 Datasheet HTML 6Page - NEC NL8060AC26-11 Datasheet HTML 7Page - NEC NL8060AC26-11 Datasheet HTML 8Page - NEC NL8060AC26-11 Datasheet HTML 9Page - NEC NL8060AC26-11 Datasheet HTML 10Page - NEC NL8060AC26-11 Datasheet HTML 11Page - NEC NL8060AC26-11 Datasheet HTML 12Page - NEC NL8060AC26-11 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
NL8060AC26-11
INPUT SIGNAL TIMING
(1) Input signal specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
CLK
Frequency
1/tC
34.0
38.362
40.0
MHz
26.067 ns (TYP.)
Duty
tch/tC
0.4
0.5
0.6
Rise, fall
tcrf
10
ns
Hsync
Period
th
24.3
26.693
µs
37.463 kHz (TYP.)
1024
CLK
Display period
thd
800
CLK
Front-porch
thf
24
CLK
fixed timing mode
4
24
CLK
DE mode
Pulse width
thp*
2
72
127
CLK
fixed timing mode
2
72
127
CLK
DE mode
Back-porch
thb*
73
128
198
CLK
fixed timing mode
13
128
509
CLK
DE mode
thp + thb*
200
CLK
fixed timing mode
15
200
511
CLK
DE mode
CLK-Hsync timing
thch
10
ns
Hsync-CLK timing
thcs
8
ns
Hsync-Vsync timing
tvhh
1
CLK
Vsync-Hsync timing
tvhs
15
ns
Rise, fall
thrf
10
ns
Vsync
Period
tv
16.1
16.683
17.2
ms
59.94 Hz (TYP.)
625
H
Display period
tvd
600
H
Front-porch
tvf
1
H
fixed timing mode
1
1
H
DE mode
Pulse width
tvp*
1
2
23
H
fixed timing mode
1
2
H
DE mode
Back-porch
tvb*
1
22
23
H
fixed timing mode
1
22
H
DE mode
tvp + tvb*
24
H
fixed timing mode
2
24
24
H
DE mode
Rise, fall
tvrf
10
ns
CLK-DATA timing
tds
8
ns
DATA-CLK timing
tdh
10
ns
Rise, fall
tdrf
10
ns
DE
DE-CLK timing
tes
8
ns
DE mode
CLK-DE timing
teh
10
ns
Rise, fall
terf
10
ns
All of parameters should be kept in the specified range.
DATA
R0 - R5
G0 - G5
B0 - B5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn