Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 6 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 6 Page - NEC

Back Button NL8060AC26-11 Datasheet HTML 2Page - NEC NL8060AC26-11 Datasheet HTML 3Page - NEC NL8060AC26-11 Datasheet HTML 4Page - NEC NL8060AC26-11 Datasheet HTML 5Page - NEC NL8060AC26-11 Datasheet HTML 6Page - NEC NL8060AC26-11 Datasheet HTML 7Page - NEC NL8060AC26-11 Datasheet HTML 8Page - NEC NL8060AC26-11 Datasheet HTML 9Page - NEC NL8060AC26-11 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NL8060AC26-11
6
(2) Backlight
lamp side connector
Mating connector
CN2 ··· BHR-03VS-1
SM02 (8.0) B-BHS-TB
Supplier: J.S.T TRADING COMPANY, LTD.
Pin No.
Symbol
Function
1
GNDB
Backlight ground
2
VH
High voltage terminal
3
VH
High voltage terminal
Inverter side connector 1
Mating connector 1
CN3 ··· LZ-5P-SL-SMT
LZ-5S-SC3
Supplier: Japan Aviation Electronics Industry Limited (JAE)
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1VDDB
Power supply
4
GNDB
Backlight ground
2VDDB
Power supply
5
BRTHL
Luminance select *1
3
GNDB
Backlight ground
*1: High luminance (100 %) ··· BRTHL = +5 V or open
Low luminance (60 %) ··· BRTHL = GND
Inverter side connector 2
Mating connector 2
CM4 ··· IL-Z-3PL-SMTY
IL-Z-3S-S125C3
Supplier: Japan Aviation Electronics Industry Limited (JAE)
Pin No.
Symbol
Function
1
BRTC
Backlight ON/OFF signal *1
2
BRTH
Luminance control input *2
3
BRTL
Luminance control input *2
*1: TTL level
Backlight ON ··· BRTC = H or Open
Backlight OFF ··· BRTC = L
*2: <1>
A way of luminance control by a variable resistor
This way works when BRTHL (No.5 pin) of CN3 is opened.
Mating variable resistor
: 10 K
Ω ±5 %
Minimum luminance (50 %)
: R = 0
Maximum luminance (100 %) : R = 10 K
BRTH
BRTL
R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn