Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 5 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 5 Page - NEC

  NL8060AC26-11 Datasheet HTML 1Page - NEC NL8060AC26-11 Datasheet HTML 2Page - NEC NL8060AC26-11 Datasheet HTML 3Page - NEC NL8060AC26-11 Datasheet HTML 4Page - NEC NL8060AC26-11 Datasheet HTML 5Page - NEC NL8060AC26-11 Datasheet HTML 6Page - NEC NL8060AC26-11 Datasheet HTML 7Page - NEC NL8060AC26-11 Datasheet HTML 8Page - NEC NL8060AC26-11 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
NL8060AC26-11
INTERFACE PIN CONNECTION
(1) Interface signals, power supply
Module side connector
Mating connector
CN1 ... DF9-41P-1V (No. 1 to 41)
DF9-41S-1V or DF9M-41S-1R
Supplier: HIROSE ELECTRIC CO,. LTD.
or
IL-310-T41P-VF (No. 1 to 41)
IL-310-T41S-VF
Supplier: Japan Aviation Electronics Industry limited (JAE)
note: Mating connectors are possible to use all parts.
Pin No.
Symbol
Function
1
GND
Ground
Note 3
2
DCLK
Dot clock
3
GND
Ground
Note 3
4
Hsync
Horizontal sync.
5
Vsync
Vertical sync.
6
GND
Ground
Note 3
7
GND
Ground
Note 3
8
GND
Ground
Note 3
9
R0
Red data (LSB)
10
R1
Red data
11
R2
Red data
12
GND
Ground
Note 3
13
R3
Red data
14
R4
Red data
15
R5
Red data (MSB)
16
GND
Ground
Note 3
17
GND
Ground
Note 3
18
GND
Ground
Note 3
19
G0
Green data (LSB)
20
G1
Green data
21
G2
Green data
Pin No.
Symbol
Function
22
GND
Ground
Note 3
23
G3
Green data
24
G4
Green data
25
G5
Green data (MSB)
26
GND
Ground
Note 3
27
GND
Ground
Note 3
28
GND
Ground
Note 3
29
B0
Blue data (LSB)
30
B1
Blue data
31
B2
Blue data
32
GND
Ground
Note 3
33
B3
Blue data
34
B4
Blue data
35
B5
Blue data (MSB)
36
GND
Ground
Note 3
37
DE
Data enable
38
VCC
Power supply
Note 1
39
VCC
Power supply
Note 1
40
VCC
Power supply
Note 1
41
MODE
Timing mode select
Note 2
LSB : Least Significant Bit
MSB : Most Significant Bit
Notes 1. VCC: All VCC terminals should be connected to 3.3 V [5.0 V].
2. MODE:
H
= Fixed mode
L or open = DE mode
3. GND is connected to the frame of the LCD module.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn