Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL8060AC26-11 Datasheet(PDF) 2 Page - NEC

Part No. NL8060AC26-11
Description  26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL8060AC26-11 Datasheet(HTML) 2 Page - NEC

  NL8060AC26-11 Datasheet HTML 1Page - NEC NL8060AC26-11 Datasheet HTML 2Page - NEC NL8060AC26-11 Datasheet HTML 3Page - NEC NL8060AC26-11 Datasheet HTML 4Page - NEC NL8060AC26-11 Datasheet HTML 5Page - NEC NL8060AC26-11 Datasheet HTML 6Page - NEC NL8060AC26-11 Datasheet HTML 7Page - NEC NL8060AC26-11 Datasheet HTML 8Page - NEC NL8060AC26-11 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NL8060AC26-11
2
STRUCTURE AND FUNCTIONS
A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for
driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal
material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver
LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel.
RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix
addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual
TFT cells.
Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly
when activated by the data source. By regulating the amount of light passing through the array of red, green,
and blue dots, color images are created with clarity.
BLOCK DIAGRAM
Digital
signal
processor
LCD timing
controller
Power
supply
circuit
Level
shift
H-driver
Backlight
2400 lines
TFT LCD panel
H : 800
× 3 (R, G, B)
V : 600
LSls
Drivers
R0–R5
G0–G5
B0–B5
CLK
Hsnyc
Vsnyc
DE
VCC
VDDB
BRTC
BRTHL
BRTH
BRTL
GND
GNDB
Inverter
MODE
OUTLINE OF CHARACTERISTICS (at room temperature)
Display area
211.2 (H)
× 158.4 (V) mm
Drive system
a-Si TFT active matrix
Display colors
262144 colors
Number of pixels
800
× 600 pixels
Pixel arrangement
RGB vertical stripe
Pixel pitch
0.264 (H)
× 0.264 (V) mm
Module size
243.0 (H)
× 185.1 (V) × 10.5 typ. (D) mm
Weight
465 g (typ.), LCD module + 15 g (typ., attached inverter)
Contrast ratio
150:1 (typ.)
Viewing angle (more than the contrast ratio of 10:1)
Horizontal : 45
° (typ. left side, right side)
Vertical
: 20
° (typ. up side), 45° (typ. down side)
Designed viewing direction
• Wider viewing angle with contrast ratio
: down side (6 o’clock)
• Wider viewing angle without image reversal: up side (12 o’clock)
• Optimum grayscale (
γ = 2.2)
: perpendicular
Color gamut
42 % (typ. center, to NTSC)
Response time
40 ms (max.), “white” to “black”
Luminance
190 cd/m2 (typ.)
Signal system
6-bit digital signals for each of RGB primary colors, synchronous signals
(Hsync, Vsync), dot clock (CLK)
Supply voltage
3.3 V [5.0 V] (Logic, LCD driving), 12 V (Backlight)
Backlight
Edge light type, one cold cathode fluorescent lamp, attached inverter
Power consumption
6.8 W (typ. at 3.3 V and 12 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn