Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3102C Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3102C
Description  Wide Input Voltage Synchronous Buck Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3102C Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3102C Datasheet HTML 2Page - ON Semiconductor NCP3102C Datasheet HTML 3Page - ON Semiconductor NCP3102C Datasheet HTML 4Page - ON Semiconductor NCP3102C Datasheet HTML 5Page - ON Semiconductor NCP3102C Datasheet HTML 6Page - ON Semiconductor NCP3102C Datasheet HTML 7Page - ON Semiconductor NCP3102C Datasheet HTML 8Page - ON Semiconductor NCP3102C Datasheet HTML 9Page - ON Semiconductor NCP3102C Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP3102C
http://onsemi.com
6
TYPICAL OPERATING CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (C)
Figure 5. Frequency (FSW) vs.
Temperature
5V
12 V
TJ, JUNCTION TEMPERATURE (C)
Figure 6. Switching Current vs. Temperature
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Reference Voltage (Vref) vs.
Temperature
5V
12 V
TJ, JUNCTION TEMPERATURE (C)
Figure 8. UVLO Threshold vs. Temperature
UVLO Rising
UVLO Falling
275
276
277
278
279
280
281
282
283
284
285
--40
--20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
--40
--20
0
20
40
60
80
100
120
12 V
5V
0.797
0.799
0.801
0.803
0.805
0.807
--40
--20
0
20
40
60
80
100
120
3.5
3.6
3.7
3.8
3.9
4
4.1
--40
--20
0
20
40
60
80
100
120
TJ, JUNCTION TEMPERATURE (C)
Figure 9. Soft--Start Sourcing vs. Temperature
0
2
4
6
8
10
12
14
16
--40
--20
0
20
40
60
80
100
120
VCC =5 V
VCC =12 V


Similar Part No. - NCP3102C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3102BMNTXG ONSEMI-NCP3102BMNTXG Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3102MNTXG ONSEMI-NCP3102MNTXG Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
More results

Similar Description - NCP3102C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Micrel Semiconductor
MIC2176 MICREL-MIC2176 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
logo
Linear Technology
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com