Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5010 Datasheet(PDF) 3 Page - NEC

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5010 Datasheet(HTML) 3 Page - NEC

  2SC5010 Datasheet HTML 1Page - NEC 2SC5010 Datasheet HTML 2Page - NEC 2SC5010 Datasheet HTML 3Page - NEC 2SC5010 Datasheet HTML 4Page - NEC 2SC5010 Datasheet HTML 5Page - NEC 2SC5010 Datasheet HTML 6Page - NEC 2SC5010 Datasheet HTML 7Page - NEC 2SC5010 Datasheet HTML 8Page - NEC 2SC5010 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5010
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
30
20
10
0
2
4
6
8
14
12
10
8
6
1
2
5
10
20
50
IB = 200
A
VCE = 3 V
f = 2 GHz
4
2
0
0.5
1
2
5
10
50
20
12
8
4
0
180
A
160
A
140
A
120
A
100
A
80
A
60
A
40
A
20
A
µ
µ
µ
µ
µ
µ
µ
µ
µ
VCE = 3 V
f = 2 GHz
50
40
30
20
10
0
0.5
1.0
VCE = 3 V
150
100
50
0
50
100
150
Free Air
500
200
100
50
20
2
5
10
20
50
100
VCE = 3 V
10
1
µ
0.5
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – ˚C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VBE – Base to Emitter Voltage – V
IC – Collector Current – mA
IC – Collector Current – mA
VCE – Collector to Emitter Voltage – V
I C – Collector Current – mA


Similar Part No. - 2SC5010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
2SC5010 CEL-2SC5010 Datasheet
1Mb / 9P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5010-T1 RENESAS-2SC5010-T1 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 RENESAS-2SC5010_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5010

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com