Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3045855 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 3045855
Description  Connectors, Type of connection: Screw connection
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

3045855 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPBV 4/ 6 Order No.: 3045855
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045855
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Type of connection
Screw connection
Stripping length
9 mm
Internal cylindrical gage
A4
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Certificates / Approvals
Certification
CUL, UL
Accessories
Item
Designation
Description
Assembly
3040591
PSH 3- 6
Test plugs, Color: black
3040601
PSH 5-10
Test plugs, Color: black
3045567
UPR/ 2
Latching, Number of positions: 2, Color: orange
3045570
UPRZ
Latching, Number of positions: 2, Color: orange
3045554
UPZ/ 2
Strain relief, Number of positions: 2, Color: black
Bridges
3030336
FBS 2-6
Plug-in bridge, Number of positions: 2, Color: red
3030242
FBS 3-6
Plug-in bridge, Number of positions: 3, Color: red
3030255
FBS 4-6
Plug-in bridge, Number of positions: 4, Color: red
3030349
FBS 5-6
Plug-in bridge, Number of positions: 5, Color: red
3030271
FBS 10-6
Plug-in bridge, Number of positions: 10, Color: red
Covers
3060432
DF-UPBV 2,5/ 4
Cover flange, Length: 45.7 mm, Width: 4.5 mm, Height: 32 mm,
Color: gray
Plug/Adapter
0201689
MPS-IH BU
Insulating sleeve, Color: blue


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn