Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3045855 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 3045855
Description  Connectors, Type of connection: Screw connection
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045855 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3045855 Datasheet HTML 1Page - PHOENIX CONTACT 3045855 Datasheet HTML 2Page - PHOENIX CONTACT 3045855 Datasheet HTML 3Page - PHOENIX CONTACT 3045855 Datasheet HTML 4Page - PHOENIX CONTACT 3045855 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPBV 4/ 6 Order No.: 3045855
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045855
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Technical data
Maximum load current
32 A (with 6 mm2 conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 61984
Nominal current IN
32 A
Nominal voltage UN
800 V
Number of positions
6
Connection data
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
6 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
10
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
4 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
4 mm²
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded
min.
0.14 mm²
2 conductors with same cross section, stranded
max.
1.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.14 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
1.5 mm²


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn