Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3045855 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 3045855
Description  Connectors, Type of connection: Screw connection
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

3045855 Datasheet(HTML) 4 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPBV 4/ 6 Order No.: 3045855
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045855
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 25, 2011
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201663
MPS-IH WH
Insulating sleeve, Color: white
0201744
MPS-MT
Test plugs
3030925
PAI-4
Test adapter, Color: gray
3030996
PS-6
Test adapter, Color: red
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Diagram
The figure shows the derating curve of the UT 4/1P... terminal
block in connection with the UPVB 4 connector
Circuit diagram


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn