Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCJ12106CC Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PCJ12106CC
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PCJ12106CC Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PCJ12106CC Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12.50 317.50
10.72 272.29
.56 14.29
A
A
B
B
(4) EACH #10-32 BRASS INSERTS
AND STAINLESS STEEL
CAPTIVE COVER SCREWS
8.82 224.03
4x
.32 8.17
10.64 270.26
12.70 322.64
(4) EACH #10-32 BRASS
INSERTS, AND STAINLESS
STEEL FLANGE AND
FEET SCREWS
(4) POLYCARBONATE
FEET
10.15 257.70
11.93 302.91
8.88 225.43
10.75 273.05
10.25 260.35
8.25 209.55
7.19 182.55
.10 2.54
5.98 151.89
.88 22.23
6.18 156.90
SECTION A-A
OPTIONAL BACK PANEL SHOWN
0.100 [2.54mm] TH'K- ALUMINUM
0.075 [1.91mm] TH'K- WHITE STEEL
.14 3.68
SECTION B-B
CLOSED CELL
NEOPRENE
GASKET
(4) EACH #10-32 BRASS
INSERTS AND PLATED
CARBON STEEL TRUSS SCREW
MATERIAL:
BOX- INJECTED POLYCARBONATE
STANDARD COVER- INJECTED POLYCARBONATE
CLEAR COVER - INJECTED POLYCARBONATE
FRONT VIEW
WITH COVER REMOVED
AND BACK PANEL DISPLAYED
REV.
DESCRIPTION
DATE
REL
CK
DR
www.hammfg.com
for more information visit
Data subject to change without notice
Drawing Not to Scale
PART No. PCJ12106CC


Similar Part No. - PCJ12106CC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCJ12106CC HAMMOND-PCJ12106CC Datasheet
190Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ12106CCF HAMMOND-PCJ12106CCF Datasheet
279Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PCJ12106CCF HAMMOND-PCJ12106CCF Datasheet
190Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ12106CCH HAMMOND-PCJ12106CCH Datasheet
265Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PCJ12106CCH HAMMOND-PCJ12106CCH Datasheet
182Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
More results

Similar Description - PCJ12106CC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com