Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5009 Datasheet(PDF) 5 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 5 Page - NEC

  2SC5009 Datasheet HTML 1Page - NEC 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5009
5
S-PARAMETER
(VCE = 3 V, IC = 7 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.823
–7.1
8.540
153.6
.014
86.5
.979
–6.6
200.00
.791
–16.4
8.151
150.6
.028
77.4
.950
–12.5
300.00
.749
–24.5
7.885
144.1
.041
74.4
.904
–17.8
400.00
.701
–32.0
7.524
136.7
.051
70.2
.857
–22.2
500.00
.648
–38.6
7.149
129.8
.061
67.4
.810
–25.5
600.00
.596
–44.6
6.672
123.2
.069
65.1
.768
–28.4
700.00
.545
–49.6
6.267
117.1
.077
63.0
.728
–30.7
800.00
.499
–54.7
5.890
111.3
.084
61.3
.693
–32.5
900.00
.453
–58.8
5.505
106.4
.092
60.5
.662
–34.4
1000.00
.413
–62.5
5.185
101.6
.099
59.6
.636
–35.6
1100.00
.375
–66.1
4.873
97.2
.106
58.7
.612
–36.9
1200.00
.341
–69.3
4.595
93.2
.113
57.4
.590
–38.2
1300.00
.308
–72.3
4.335
89.2
.120
56.9
.574
–39.2
1400.00
.280
–75.6
4.088
85.7
.126
56.0
.556
–40.5
1500.00
.254
–78.3
3.882
82.1
.134
55.3
.540
–41.5
1600.00
.230
–81.2
3.691
78.9
.141
54.6
.526
–42.9
1700.00
.207
–84.3
3.521
75.8
.147
53.8
.515
–44.1
1800.00
.186
–87.4
3.366
72.9
.154
53.2
.503
–45.5
1900.00
.166
–90.7
3.222
70.0
.161
52.3
.491
–46.8
2000.00
.151
–95.2
3.093
67.1
.169
51.3
.470
–47.7
2100.00
.134
–99.4
2.980
64.5
.177
50.3
.457
–49.1
2200.00
.119
–104.0
2.870
62.0
.184
49.3
.445
–50.6
2300.00
.105
–110.4
2.772
59.3
.191
48.5
.434
–52.1
2400.00
.091
–118.3
2.686
56.8
.198
47.3
.421
–53.8
2500.00
.080
–127.7
2.594
54.2
.206
46.3
.411
–55.4
2600.00
.073
–139.6
2.521
52.0
.214
45.2
.398
–57.5
2700.00
.067
–152.7
2.447
49.5
.222
44.2
.386
–59.3
2800.00
.065
–168.2
2.379
47.1
.227
43.3
.374
–61.1
2900.00
.067
–178.3
2.317
44.7
.235
42.1
.361
–62.8
3000.00
.071
–166.7
2.253
42.6
.242
40.7
.349
–64.8
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.866
–5.7
6.885
155.4
.015
83.5
.985
–5.8
200.00
.844
–13.2
6.690
154.2
.029
79.3
.966
–11.2
300.00
.816
–20.0
6.614
149.0
.041
75.3
.932
–16.2
400.00
.780
–26.5
6.457
142.7
.053
72.0
.896
–20.7
500.00
.740
–32.8
6.310
136.7
.064
68.2
.855
–24.4
600.00
.698
–38.5
5.990
130.4
.074
65.8
.816
–27.9
700.00
.650
–44.0
5.766
124.5
.083
63.5
.777
–30.8
800.00
.607
–49.3
5.537
118.6
.092
61.5
.740
–33.3
900.00
.560
–53.8
5.266
113.2
.098
59.9
.706
–35.6
1000.00
.513
–58.4
5.033
108.0
.105
58.9
.674
–37.4
1100.00
.471
–62.4
4.800
103.2
.113
57.1
.647
–39.0
1200.00
.430
–66.2
4.571
98.5
.120
55.6
.621
–40.7
1300.00
.395
–69.7
4.345
94.5
.126
55.1
.599
–41.9
1400.00
.361
–73.3
4.123
90.5
.133
53.8
.578
–43.3
1500.00
.330
–76.4
3.924
86.7
.139
52.9
.561
–44.7
1600.00
.300
–79.6
3.751
83.1
.146
52.2
.543
–46.1
1700.00
.274
–82.8
3.592
79.7
.152
51.2
.526
–47.1
1800.00
.250
–85.9
3.435
76.5
.159
50.4
.514
–48.7
1900.00
.226
–89.3
3.300
73.5
.166
49.9
.499
–50.1
2000.00
.208
–92.9
3.178
70.6
.174
48.7
.476
–51.1
2100.00
.188
–97.0
3.055
67.7
.181
47.9
.460
–52.5
2200.00
.170
–101.1
2.946
64.9
.188
47.1
.448
–54.1
2300.00
.151
–105.7
2.849
62.1
.195
46.1
.434
–55.6
2400.00
.136
–111.3
2.757
59.4
.201
44.9
.419
–57.3
2500.00
.121
–118.4
2.670
56.8
.210
43.9
.408
–58.9
2600.00
.109
–126.0
2.594
54.3
.216
43.0
.395
–60.9
2700.00
.099
–135.3
2.521
51.8
.223
41.9
.382
–62.9
2800.00
.090
–145.5
2.450
49.4
.229
40.8
.368
–64.4
2900.00
.086
–156.8
2.381
46.9
.236
40.1
.355
–66.1
3000.00
.083
–168.1
2.317
44.6
.243
38.7
.341
–68.1


Similar Part No. - 2SC5009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5000 TOSHIBA-2SC5000 Datasheet
140Kb / 3P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5000 TOSHIBA-2SC5000 Datasheet
117Kb / 3P
   Power Amplifier Applications
2SC5000 TOSHIBA-2SC5000_04 Datasheet
117Kb / 3P
   Power Amplifier Applications
logo
Rohm
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
   Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
logo
Sanken electric
2SC5002 SANKEN-2SC5002 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
More results

Similar Description - 2SC5009

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com