Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5009 Datasheet(PDF) 4 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 4 Page - NEC

  2SC5009 Datasheet HTML 1Page - NEC 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC5009
4
5
3
2
1
0
1
2
5
10
20
50
0
0.1
0.2
0.5
1
2
5
5
10
15
25
f = 2 GHz
NOISE FIGURE vs.
COLLECTOR CURRENT
IC – Collector Current – mA
VCE = 3 V
VCE = 3 V
4
IC = 5 mA
20
S21e 2
5.0
0.5
0.1
1
2
5
10
20
50
f = 1 MHZ
2.0
1.0
0.2
MAG
MAXIMUM AVAILABLE GAIN,
INSERTION POWER GAIN vs. FREQUENCY
f – Frequency – GHz
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V


Similar Part No. - 2SC5009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5000 TOSHIBA-2SC5000 Datasheet
140Kb / 3P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5000 TOSHIBA-2SC5000 Datasheet
117Kb / 3P
   Power Amplifier Applications
2SC5000 TOSHIBA-2SC5000_04 Datasheet
117Kb / 3P
   Power Amplifier Applications
logo
Rohm
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
   Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
logo
Sanken electric
2SC5002 SANKEN-2SC5002 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
More results

Similar Description - 2SC5009

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com