Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3225E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL3225E
Description  짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3225E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL3225E Datasheet HTML 4Page - Intersil Corporation ICL3225E Datasheet HTML 5Page - Intersil Corporation ICL3225E Datasheet HTML 6Page - Intersil Corporation ICL3225E Datasheet HTML 7Page - Intersil Corporation ICL3225E Datasheet HTML 8Page - Intersil Corporation ICL3225E Datasheet HTML 9Page - Intersil Corporation ICL3225E Datasheet HTML 10Page - Intersil Corporation ICL3225E Datasheet HTML 11Page - Intersil Corporation ICL3225E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN4900.9
February 27, 2006
Detailed Description
These ICL32XXE interface ICs operate from a single +3V to
+5.5V supply, guarantee a 1Mbps minimum data rate,
require only four small external 0.1
µF capacitors, feature low
power consumption, and meet all ElA RS-232C and V.28
specifications. The circuit is divided into three sections: The
charge pump, the transmitters, and the receivers.
Charge-Pump
Intersil’s new ICL32XXE family utilizes regulated on-chip
dual charge pumps as voltage doublers, and voltage
inverters to generate
±5.5V transmitter supplies from a VCC
supply as low as 3.0V. This allows these devices to maintain
RS-232 compliant output levels over the
±10% tolerance
range of 3.3V powered systems. The efficient on-chip power
supplies require only four small, external 0.1
µF capacitors
for the voltage doubler and inverter functions at VCC = 3.3V.
See the “Capacitor Selection” section, and Table 3 for
capacitor recommendations for other operating conditions.
The charge pumps operate discontinuously (i.e., they turn off
as soon as the V+ and V- supplies are pumped up to the
nominal values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
Transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when
disabled.
All devices guarantee a 1Mbps data rate for full load
conditions (3k
Ω and 250pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 1.4Mbps. Transmitter skew is
extremely low on these devices, and is specified at the
receiver input trip points (1.4V), rather than the arbitrary 0V
crossing point typical of other RS-232 families.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
All the ICL32XXE devices contain standard inverting
receivers, but only the ICL3245E receivers can tristate, via
the FORCEOFF control line. Additionally, the ICL3245E
includes a noninverting (monitor) receiver (denoted by the
ROUTB label) that is always active, regardless of the state of
any control lines. Both receiver types convert RS-232
signals to CMOS output levels and accept inputs up to
±25V
while presenting the required 3k
Ω to 7kΩ input impedance
(see Figure 1) even if the power is off (VCC = 0V). The
receivers’ Schmitt trigger input stage uses hysteresis to
increase noise immunity and decrease errors due to slow
input signal transitions.
The ICL3245E inverting receivers disable during forced
(manual) powerdown, but not during automatic powerdown
(see Table 2). Conversely, the monitor receiver remains
active even during manual powerdown making it extremely
useful for Ring Indicator monitoring. Standard receivers
driving powered down peripherals must be disabled to
prevent current flow through the peripheral’s protection
diodes (see Figures 2 and 3). This renders them useless for
wake up functions, but the corresponding monitor receiver
can be dedicated to this task as shown in Figure 3.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ICL3245E
TRANSITION
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
R2IN
T1OUT
VOUT = HI-Z
POWERED
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
ICL3225E, ICL3227E, ICL3245E


Similar Part No. - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225ECA INTERSIL-ICL3225ECA Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3225E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com