Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA26CA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SA26CA
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA26CA Datasheet(HTML) 3 Page - Diodes Incorporated

  SA26CA Datasheet HTML 1Page - Diodes Incorporated SA26CA Datasheet HTML 2Page - Diodes Incorporated SA26CA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS21501 Rev. 10 - 2
3 of 3
SA5V0A - SA170A
Peak Value I
Half Value I pp/2
10 x 1000 Wave form
as defined by R.E.A.
01
2
3
t, TIME (ms)
Fig. 1, Pulse Waveform
100
50
0
t = 10 sec
m
pp
r
tp
10
100
10
100
1000
10,000
V , RATED STANDOFF VOLTAGE (V)
Fig. 2, Typical Total Capacitance
R
V = Rated
Stand-off Voltage
R
550
20
20
50
50
500
5,000
V= 0
R
Unidirectional
Bidirectional
10 X 1000 Waveform
as defined by REA
0
25
50
75
100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4, Derating Curve
A
L = 9.5 mm
0
25
50
75
100 125 150 175 200
0
T , LEAD TEMPERATURE (°C)
Fig. 5, Power Derating
L
0.25
0.5
0.75
1.0
0.1
1.0
T - PULSE WIDTH ( S)
Fig. 3, Peak Pulse Power Derating
p
m
0.1
10
100
1.0
10
1000
10000
IMPULSE
HALF SINE WAVE
SQ. WAVE
Tc = 25°C
100


Similar Part No. - SA26CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA26CA PANJIT-SA26CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA26CA LUGUANG-SA26CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA26CA YANGJIE-SA26CA Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA26CA WTE-SA26CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA26CA MERITEK-SA26CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SA26CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com