Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE120A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # P4KE120A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P4KE120A Datasheet(HTML) 3 Page - Diodes Incorporated

  P4KE120A Datasheet HTML 1Page - Diodes Incorporated P4KE120A Datasheet HTML 2Page - Diodes Incorporated P4KE120A Datasheet HTML 3Page - Diodes Incorporated P4KE120A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
Number
Type
Number
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max Reverse
Leakage
@ VR
Max
Clamping
Voltage
@ Ipp
Max Peak
Pulse
Current
(UNI)
(BI)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR
(mA)
VC (V)
IPP (A)
P4KE6.8
P4KE6.8C
5.50
6.12
7.48
10
1000
10.8
38.0
P4KE6.8A
P4KE6.8CA
5.80
6.45
7.14
10
1000
10.5
40.0
P4KE7.5
P4KE7.5C
6.05
6.75
8.25
10
500
11.7
36.0
P4KE7.5A
P4KE7.5CA
6.40
7.13
7.88
10
500
11.3
37.0
P4KE8.2
P4KE8.2C
6.63
7.38
9.02
10
200
12.5
33.0
P4KE8.2A
P4KE8.2CA
7.02
7.79
8.61
10
200
12.1
35.0
P4KE9.1
P4KE9.1C
7.37
8.19
10.00
1.0
50
13.8
30.0
P4KE9.1A
P4KE9.1CA
7.78
8.65
9.50
1.0
50
13.4
31.0
P4KE10
P4KE10C
8.10
9.00
11.00
1.0
10
15.0
28.0
P4KE10A
P4KE10CA
8.55
9.50
10.50
1.0
10
14.5
29.0
P4KE11
P4KE11C
8.92
9.90
12.10
1.0
5.0
16.2
26.0
P4KE11A
P4KE11CA
9.40
10.50
11.60
1.0
5.0
15.6
27.0
P4KE12
P4KE12C
9.72
10.80
13.20
1.0
5.0
17.3
24.0
P4KE12A
P4KE12CA
10.20
11.40
12.60
1.0
5.0
16.7
25.0
P4KE13
P4KE13C
10.50
11.70
14.30
1.0
5.0
19.0
22.0
P4KE13A
P4KE13CA
11.10
12.40
13.70
1.0
5.0
18.2
23.0
P4KE15
P4KE15C
12.10
13.50
16.50
1.0
5.0
22.0
19.0
P4KE15A
P4KE15CA
12.80
14.30
15.80
1.0
5.0
21.2
20.0
P4KE16
P4KE16C
12.90
14.40
17.60
1.0
5.0
23.5
18.0
P4KE16A
P4KE16CA
13.60
15.20
16.80
1.0
5.0
22.5
19.0
P4KE18
P4KE18C
14.50
16.20
19.80
1.0
5.0
26.5
16.0
P4KE18A
P4KE18CA
15.30
17.10
18.90
1.0
5.0
25.2
17.0
P4KE20
P4KE20C
16.20
18.00
22.00
1.0
5.0
29.1
14.0
P4KE20A
P4KE20CA
17.10
19.00
21.00
1.0
5.0
27.7
15.0
P4KE22
P4KE22C
17.80
19.80
24.20
1.0
5.0
31.9
13.0
P4KE22A
P4KE22CA
18.80
20.90
23.10
1.0
5.0
30.6
14.0
P4KE24
P4KE24C
19.40
21.60
26.40
1.0
5.0
34.7
12.0
P4KE24A
P4KE24CA
20.50
22.80
25.20
1.0
5.0
33.2
13.0
P4KE27
P4KE27C
21.80
24.30
29.70
1.0
5.0
39.1
11.0
P4KE27A
P4KE27CA
23.10
25.70
28.40
1.0
5.0
37.5
11.2
P4KE30
P4KE30C
24.30
27.00
33.00
1.0
5.0
43.5
10.0
P4KE30A
P4KE30CA
25.60
28.50
31.50
1.0
5.0
41.4
10.0
P4KE33
P4KE33C
26.80
29.70
36.30
1.0
5.0
47.7
9.0
P4KE33A
P4KE33CA
28.20
31.40
34.70
1.0
5.0
45.7
9.0
P4KE36
P4KE36C
29.10
32.40
39.60
1.0
5.0
52.0
8.0
P4KE36A
P4KE36CA
30.80
34.20
37.80
1.0
5.0
49.9
8.4
P4KE39
P4KE39C
31.60
35.10
42.90
1.0
5.0
56.4
7.4
P4KE39A
P4KE39CA
33.30
37.10
41.00
1.0
5.0
53.9
7.8
P4KE43
P4KE43C
34.80
38.70
47.30
1.0
5.0
61.9
6.8
P4KE43A
P4KE43CA
36.80
40.90
45.20
1.0
5.0
59.3
7.1
D
S21508 Rev. B-4
3 of 4
P4KE6.8-P4KE400CA


Similar Part No. - P4KE120A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE120A PANJIT-P4KE120A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE120A TSC-P4KE120A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Littelfuse
P4KE120A LITTELFUSE-P4KE120A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
P4KE120A LITTELFUSE-P4KE120A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
P4KE120A SECOS-P4KE120A Datasheet
334Kb / 3P
   400 Peak Power
More results

Similar Description - P4KE120A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com