Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGY1H392MELB25 Datasheet(PDF) 3 Page - Nichicon corporation

Part # LGY1H392MELB25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGY1H392MELB25 Datasheet(HTML) 3 Page - Nichicon corporation

  LGY1H392MELB25 Datasheet HTML 1Page - Nichicon corporation LGY1H392MELB25 Datasheet HTML 2Page - Nichicon corporation LGY1H392MELB25 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GY
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated ripple current (mArms) at 105°C 120Hz
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1300
1500
1500
1600
1600
1800
1800
2000
2000
2000
2200
2200
2200
2400
2400
2600
2600
2600
2800
2800
3100
3100
3400
3800
0.82
0.92
0.92
1.01
1.01
1.11
1.11
1.23
1.23
1.23
1.36
1.36
1.36
1.48
1.48
1.63
1.63
1.63
1.78
1.78
1.96
1.96
2.15
2.38
LGY1J122MELZ25
LGY1J152MELZ30
LGY1J152MELA25
LGY1J182MELZ30
LGY1J182MELA25
LGY1J222MELZ35
LGY1J222MELA30
LGY1J272MELZ40
LGY1J272MELA35
LGY1J272MELB25
LGY1J332MELZ45
LGY1J332MELA35
LGY1J332MELB30
LGY1J392MELA40
LGY1J392MELB35
LGY1J472MELA50
LGY1J472MELB40
LGY1J472MELC30
LGY1J562MELB45
LGY1J562MELC35
LGY1J682MELB50
LGY1J682MELC40
LGY1J822MELC45
LGY1J103MELC50
63V (1J)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
22
× 25
22
× 25
22
× 30
25
× 25
22
× 35
25
× 25
22
× 35
25
× 30
30
× 25
22
× 45
25
× 35
30
× 25
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 45
1200
1300
1500
1500
1600
1600
1800
1800
1800
2000
2000
2000
2200
2200
2400
2400
2400
2600
2600
2900
2900
3100
3500
0.76
0.84
0.92
0.92
1.03
1.03
1.13
1.13
1.13
1.25
1.25
1.25
1.39
1.39
1.54
1.54
1.54
1.67
1.67
1.83
1.83
2.00
2.21
LGY1K821MELZ25
LGY1K102MELZ25
LGY1K122MELZ30
LGY1K122MELA25
LGY1K152MELZ35
LGY1K152MELA25
LGY1K182MELZ35
LGY1K182MELA30
LGY1K182MELB25
LGY1K222MELZ45
LGY1K222MELA35
LGY1K222MELB25
LGY1K272MELA40
LGY1K272MELB30
LGY1K332MELA45
LGY1K332MELB35
LGY1K332MELC30
LGY1K392MELB40
LGY1K392MELC30
LGY1K472MELB45
LGY1K472MELC35
LGY1K562MELC40
LGY1K682MELC45
80V (1K)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
1100
1200
1300
1300
1500
1500
1600
1600
1600
1800
1800
1800
2000
2000
2200
2200
2200
2400
2400
2700
2700
2900
3200
0.70
0.78
0.85
0.85
0.94
0.94
1.03
1.03
1.03
1.16
1.16
1.16
1.27
1.27
1.40
1.40
1.40
1.55
1.55
1.72
1.72
1.87
2.05
LGY2A561MELZ25
LGY2A681MELZ30
LGY2A821MELZ30
LGY2A821MELA25
LGY2A102MELZ35
LGY2A102MELA30
LGY2A122MELZ40
LGY2A122MELA35
LGY2A122MELB25
LGY2A152MELZ45
LGY2A152MELA40
LGY2A152MELB30
LGY2A182MELA45
LGY2A182MELB35
LGY2A222MELA50
LGY2A222MELB40
LGY2A222MELC30
LGY2A272MELB45
LGY2A272MELC35
LGY2A332MELB50
LGY2A332MELC40
LGY2A392MELC45
LGY2A472MELC50
100V (2A)
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
CAT.8100C


Similar Part No. - LGY1H392MELB25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2K2-1 OSRAM-LGY870-J2K2-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2M1-1 OSRAM-LGY870-J2M1-1 Datasheet
498Kb / 20P
   white SMT package, colorless clear resin
LGY870-K2M1-1 OSRAM-LGY870-K2M1-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
More results

Similar Description - LGY1H392MELB25

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com