Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC853XJ0000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC853XJ0000F
Description  DIP 4pin Darlington Phototransistor Ouput,High Collector-emitter Voltage Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC853XJ0000F Datasheet(HTML) 5 Page - Sharp Corporation

  PC853XJ0000F Datasheet HTML 1Page - Sharp Corporation PC853XJ0000F Datasheet HTML 2Page - Sharp Corporation PC853XJ0000F Datasheet HTML 3Page - Sharp Corporation PC853XJ0000F Datasheet HTML 4Page - Sharp Corporation PC853XJ0000F Datasheet HTML 5Page - Sharp Corporation PC853XJ0000F Datasheet HTML 6Page - Sharp Corporation PC853XJ0000F Datasheet HTML 7Page - Sharp Corporation PC853XJ0000F Datasheet HTML 8Page - Sharp Corporation PC853XJ0000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse voltage
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Collector current
Collector-emitter saturation voltage
Collector-emitter breakdown voltage
Isolation resistance
Cut-off frequency
MIN.
10
5
×10
10
1
TYP.
1.2
30
40
1
×10
11
7
20
MAX.
1.4
10
250
200
150
1.2
100
Unit
V
V
µA
pF
nA
mA
V
µs
µs
Symbol
VF
IR
Ct
ICEO
BVCEO
IC
VCE (sat)
RISO
tf
fC
Response time
Rise time
Fall time
Input
Output
IF
=10mA
VR
=4V
V
=0, f=1kHz
VCE
=200V, IF=0
IC
=0.1mA, IF=0
IF
=1mA, VCE=2V
DC500V, 40 to 60%RH
VCE
=2V, IC=20mA, RL=100Ω
100
300
kHz
tr
VCE
=2V, IC=20mA, RL=100Ω, −3dB
Floating capacitance
0.6
1.0
Cf
pF
V
=0, f=1MHz
IF
=20mA, IC=100mA
350
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
PC852XJ0000F PC853XJ0000F
50
1
70
Reverse voltage
V
VR
6
350
0.1
150
150
200
300
320
−30 to +100
−55 to +125
260
5.0
kV
5
PC852XJ0000F Series/PC853XJ0000F Series
Sheet No.: D2-A04002EN


Similar Part No. - PC853XJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC853 SHARP-PC853 Datasheet
102Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
PC853H SHARP-PC853H Datasheet
102Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
More results

Similar Description - PC853XJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC851X SHARP-PC851X Datasheet
215Kb / 14P
   DIP 4pin High Collector-emitter Voltage Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
   DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com