Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGY1V103MELB35 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGY1V103MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGY1V103MELB35 Datasheet(HTML) 2 Page - Nichicon corporation

  LGY1V103MELB35 Datasheet HTML 1Page - Nichicon corporation LGY1V103MELB35 Datasheet HTML 2Page - Nichicon corporation LGY1V103MELB35 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GY
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1800
2000
2200
2200
2400
2400
2400
2700
2700
2700
3000
3000
3000
3300
3300
3300
3600
3600
3600
4000
4000
4300
4300
4700
0.98
1.08
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.77
1.97
1.97
1.97
2.17
2.17
2.36
2.36
2.60
LGY1C682MELZ25
LGY1C822MELZ30
LGY1C103MELZ30
LGY1C103MELA25
LGY1C123MELZ35
LGY1C123MELA30
LGY1C123MELB25
LGY1C153MELZ40
LGY1C153MELA35
LGY1C153MELB30
LGY1C183MELZ50
LGY1C183MELA40
LGY1C183MELB30
LGY1C223MELA45
LGY1C223MELB35
LGY1C223MELC30
LGY1C273MELA50
LGY1C273MELB40
LGY1C273MELC30
LGY1C333MELB45
LGY1C333MELC35
LGY1C393MELB50
LGY1C393MELC40
LGY1C473MELC45
16V (1C)
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 45
35
× 35
35
× 45
35
× 50
1600
1800
1900
1900
2100
2100
2100
2300
2300
2300
2600
2600
2600
2900
2900
2900
3100
3100
3100
3500
3500
3800
4200
1.02
1.12
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.50
1.64
1.64
1.64
1.83
1.83
1.83
2.01
2.01
2.01
2.22
2.22
2.46
2.72
LGY1E472MELZ25
LGY1E562MELZ30
LGY1E682MELZ30
LGY1E682MELA25
LGY1E822MELZ35
LGY1E822MELA30
LGY1E822MELB25
LGY1E103MELZ40
LGY1E103MELA35
LGY1E103MELB30
LGY1E123MELZ45
LGY1E123MELA40
LGY1E123MELB30
LGY1E153MELA45
LGY1E153MELB35
LGY1E153MELC30
LGY1E183MELA50
LGY1E183MELB40
LGY1E183MELC35
LGY1E223MELB45
LGY1E223MELC35
LGY1E273MELC45
LGY1E333MELC50
25V (1E)
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
22
× 25
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 50
1500
1600
1800
1800
2000
2000
2000
2200
2200
2200
2400
2400
2400
2600
2600
2900
2900
2900
3200
3200
3500
3900
1.01
1.10
1.21
1.21
1.32
1.32
1.32
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.94
1.94
1.94
2.17
2.17
2.38
2.63
LGY1V332MELZ25
LGY1V392MELZ30
LGY1V472MELZ35
LGY1V472MELA25
LGY1V562MELZ35
LGY1V562MELA30
LGY1V562MELB25
LGY1V682MELZ40
LGY1V682MELA35
LGY1V682MELB25
LGY1V822MELZ50
LGY1V822MELA40
LGY1V822MELB30
LGY1V103MELA45
LGY1V103MELB35
LGY1V123MELA50
LGY1V123MELB40
LGY1V123MELC30
LGY1V153MELB45
LGY1V153MELC35
LGY1V183MELC40
LGY1V223MELC50
35V (1V)
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22
× 25
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1300
1400
1600
1600
1800
1800
1900
1900
1900
2100
2100
2100
2300
2300
2300
2500
2500
2500
2800
2800
3100
3100
3400
3800
0.90
0.99
1.10
1.10
1.21
1.21
1.32
1.32
1.32
1.45
1.45
1.45
1.58
1.58
1.58
1.74
1.74
1.74
1.92
1.92
2.12
2.12
2.32
2.59
LGY1H182MELZ25
LGY1H222MELZ25
LGY1H272MELZ30
LGY1H272MELA25
LGY1H332MELZ35
LGY1H332MELA30
LGY1H392MELZ40
LGY1H392MELA30
LGY1H392MELB25
LGY1H472MELZ45
LGY1H472MELA35
LGY1H472MELB30
LGY1H562MELZ50
LGY1H562MELA40
LGY1H562MELB30
LGY1H682MELA45
LGY1H682MELB35
LGY1H682MELC30
LGY1H822MELB40
LGY1H822MELC35
LGY1H103MELB50
LGY1H103MELC40
LGY1H123MELC45
LGY1H153MELC50
50V (1H)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (mArms) at 105°C 120Hz
CAT.8100C


Similar Part No. - LGY1V103MELB35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2K2-1 OSRAM-LGY870-J2K2-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870-J2M1-1 OSRAM-LGY870-J2M1-1 Datasheet
498Kb / 20P
   white SMT package, colorless clear resin
LGY870-K2M1-1 OSRAM-LGY870-K2M1-1 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
   Coupling into Light Guides
More results

Similar Description - LGY1V103MELB35

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com