Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

561-LMSP375 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-LMSP375
Description  PCB Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-LMSP375 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-LMSP375 Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-LMSP375 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
PCB Support
561-LMSP125, 561-LMSP250, 561-LMSP312,
561-LMSP375, 561-LMSP437, 561-LMSP500,
561-LMSP625, 561-LMSP750, 561-LMSP875,
561-LMSP1000, 561-TMSP125, 561-TMSP250,
561-TMSP312, 561-TMSP375, 561-TMSP437,
561-TMSP500, 561-TMSP625, 561-TMSP750,
561-TMSP875, 561-TMSP1000
EPD-200450
LMSP
TMSP
A
.4
(1.02)
.060
(1.52)
.141
(3.58)
.11
(2.79)
.187
(4.75)
.1
(2.54)
.281
(7.14)
.03
(.76)
.154
(3.91)
A
.4
(1.02)
.060
(1.52)
.11
(2.79)
.187
(4.75)
.1
(2.54)
.281
(7.14)
.03
(.76)
.154
(3.91)
.141
(3.58)
SPECIFICATIONS
561-LMSP125
LMSP125
.125 (3.175)
561-LMSP250
LMSP250
.25 (6.35)
561-LMSP312
LMSP312
.312 (7.93)
561-LMSP375
LMSP375
.375 (9.53)
561-LMSP437
LMSP437
.437 (11.1)
561-LMSP500
LMSP500
.5 (12.7)
561-LMSP625
LMSP625
.625 (15.88)
561-LMSP750
LMSP750
.75 (19.05)
561-LMSP875
LMSP875
.875 (22.25)
561-LMSP1000
LMSP1000
1 (25.4)
Mouser Num.
Description
A
in. (mm)
561-TMSP125
TMSP125
.125 (3.175)
561-TMSP250
TMSP250
.25 (6.35)
561-TMSP312
TMSP312
.312 (7.93)
561-TMSP375
TMSP375
.375 (9.53)
561-TMSP437
TMSP437
.437 (11.1)
561-TMSP500
TMSP500
.5 (12.7)
561-TMSP625
TMSP625
.625 (15.88)
561-TMSP750
TMSP750
.75 (19.05)
561-TMSP875
TMSP875
.875 (22.25)
561-TMSP1000
TMSP1000
1 (25.4)
Mouser Num.
Description
A
in. (mm)
• Spring end fits .156" hole
• Lock or tension end fits .125" hole
• Panel thickness 1/16"
Date Last Revised: 05-19-10
Dimensions: in. (mm)


Similar Part No. - 561-LMSP375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-LMTP1000 ETC2-561-LMTP1000 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-LMTP250 ETC2-561-LMTP250 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-LMTP375 ETC2-561-LMTP375 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-LMTP500 ETC2-561-LMTP500 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-LMTP625 ETC2-561-LMTP625 Datasheet
75Kb / 2P
   Male PCB Support Posts
More results

Similar Description - 561-LMSP375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-LCSP125 ETC2-561-LCSP125 Datasheet
83Kb / 2P
   PCB Support
561-LMTP250 ETC2-561-LMTP250 Datasheet
75Kb / 2P
   Male PCB Support Posts
561-LSP187 ETC2-561-LSP187 Datasheet
139Kb / 2P
   PCB Support - LSP Series
561-187TAB ETC2-561-187TAB Datasheet
202Kb / 2P
   Mini Locking PCB Support
561-EZS200 ETC2-561-EZS200 Datasheet
195Kb / 2P
   EZ Twist Lock Support PCB
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
   Locking PCB Support Adhesive Base
logo
WECO ELECTRICAL CONNECT...
120-M-311 WECO-120-M-311 Datasheet
80Kb / 1P
   Pin strip Plug-in direction parallel to PCB, with support
07.19
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com