Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6002ACMCL Datasheet(PDF) 2 Page - Littelfuse

Part # P6002ACMCL
Description  MC Series - Modified TO-220
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6002ACMCL Datasheet(HTML) 2 Page - Littelfuse

  P6002ACMCL Datasheet HTML 1Page - Littelfuse P6002ACMCL Datasheet HTML 2Page - Littelfuse P6002ACMCL Datasheet HTML 3Page - Littelfuse P6002ACMCL Datasheet HTML 4Page - Littelfuse P6002ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
81
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Capacitance Values
Part Number
pF
Pin 1-2 / 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P0302AAMCLxx
25
55
15
35
P0602AAMCLxx
15
35
10
20
P0602ACMCLxx
25
45
10
25
P1402ACMCLxx
40
60
20
35
P1602ACMCLxx
35
55
20
35
P2202ACMCLxx
45
70
25
40
P2702ACMCLxx
40
60
20
35
P3002ACMCLxx
35
55
20
35
P3602ACMCLxx
35
50
15
30
P4202ACMCLxx
30
50
15
30
P4802ACMCLxx
30
45
15
30
P6002ACMCLxx
30
45
15
25
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs Max
A
20
150
150
90
507575
45
7520
500
C
50
500
400
200
150
200
175
100
200
30
500
Electrical Characteristics (continued)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T @ IT=2.2
Amps
Capacitance
V min
V max
V min
V max
mA min
mA
max
A
max
V min
Pins 1-2, 3-2
Pins 1-3
Pins 1-2, 3-2
P4802ACMCLxx
P4802ACMC
220
300
440
600
150
800
2.2
4
See
Capacitance
Values Table
P6002ACMCLxx P6002ACMC
275
350
550
700
150
800
2.2
4
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- XX Part Number Suffix: ‘RP’ (Reel Pack), Blank (Bulk Pack), or ‘60’ (Type 60 lead form, Bulk Pack. Special order item -- contact factory.)
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P6002ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6002ACMCL LITTELFUSE-P6002ACMCL Datasheet
157Kb / 3P
   Two-chip MicroCapacitance
P6002ACMCLXX LITTELFUSE-P6002ACMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
More results

Similar Description - P6002ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
P0641A LITTELFUSE-P0641A_2 Datasheet
117Kb / 2P
   Twin SLIC Protector Modified TO-220
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Kersemi Electronic Co.,...
AC16DSMA KERSEMI-AC16DSMA Datasheet
1Mb / 5P
   Isolated plastic package (modified TO-220AB)
logo
IRC - a TT electronics ...
TFP-MHP20LF-10R0-J IRCTT-TFP-MHP20LF-10R0-J Datasheet
389Kb / 3P
   MHP TO-220 Series Power Resistor
logo
TT Electronics.
MHP50 TTELEC-MHP50 Datasheet
760Kb / 6P
   TO-220 housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com