Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM810JP Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM810JP
Description  3-Pin Microprocessor Reset Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM810JP Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM810JP Datasheet HTML 4Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 5Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 6Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 7Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 8Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 9Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 10Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 11Page - Union Semiconductor, Inc. UM810JP Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
8/15
UM809/810
flow to ground, holding RESET
_____________
low (Figure 8). R1’s value is not critical; 100kΩ is large enough
not to load RESET
_____________
and small enough to pull RESET
_____________
to ground.
A 100kΩ pull-up resistor to VCC is also recommended for the UM810 if RESET is required to
remain valid for VCC < 1V.
Figure 8. RESET
_____________
Valid to VCC = Ground Circuit
Interfacing to μPs with Bidirectional Reset Pins
Some µP’s (such as Motorola 68HC11) have bi-directional reset pins. Depending on the current
drive capability of the processor pin, an indeterminate logic level may result in series with the
output of the UM809 (Figure 9). If there are other components in the system which requires a
reset signal, they should be buffered so as not to load the reset line. If the other components are
required to follow the reset I/O of the μP, the buffer should be connected as shown with the solid
line.
Figure 9. Interfacing to Bidirectional Reset I/O
Benefits of Highly Accurate Reset Threshold
Most µP supervisor circuits have reset threshold voltages between 5% and 10% below the value of
nominal supply voltages. This ensures a reset will not occur within 5% of the nominal supply, but
will occur when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset may or may not be asserted.
The UM8_ L/T/Z use highly accurate circuitry to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below nominal.


Similar Part No. - UM810JP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM810JP UNIONSEMI-UM810JP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM810JP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com