Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5006 Datasheet(PDF) 7 Page - NEC

Part # 2SC5006
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5006 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5006 Datasheet HTML 2Page - NEC 2SC5006 Datasheet HTML 3Page - NEC 2SC5006 Datasheet HTML 4Page - NEC 2SC5006 Datasheet HTML 5Page - NEC 2SC5006 Datasheet HTML 6Page - NEC 2SC5006 Datasheet HTML 7Page - NEC 2SC5006 Datasheet HTML 8Page - NEC 2SC5006 Datasheet HTML 9Page - NEC 2SC5006 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5006
7
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.984
–20.9
1.971
162.0
.045
75.7
.980
–8.3
200.00
.952
–42.4
1.987
146.3
.082
62.6
.938
–15.7
300.00
.917
–62.4
1.964
133.0
.111
51.8
.882
–21.7
400.00
.880
–80.5
1.870
121.5
.130
42.0
.831
–26.4
500.00
.850
–96.8
1.812
111.5
.143
34.9
.787
–30.1
600.00
.822
–110.7
1.645
102.1
.149
28.2
.750
–33.5
700.00
.798
–123.5
1.585
93.9
.153
23.3
.721
–36.4
800.00
.778
–134.8
1.496
86.6
.152
19.1
.697
–39.3
900.00
.763
–144.6
1.430
80.3
.150
16.6
.677
–41.9
1000.00
.752
–153.6
1.347
74.0
.147
13.1
.660
–44.9
1100.00
.743
–161.2
1.266
68.7
.143
11.8
.650
–47.9
1200.00
.742
–168.3
1.202
63.5
.137
10.4
.640
–50.9
1300.00
.738
–174.4
1.128
58.8
.131
10.3
.632
–53.8
1400.00
.740
179.5
1.069
54.2
.126
11.0
.625
–57.0
1500.00
.737
174.2
1.016
50.0
.120
12.1
.617
–60.3
1600.00
.740
169.1
.973
46.2
.113
14.8
.614
–63.9
1700.00
.741
164.0
.932
42.3
.110
17.8
.605
–67.7
1800.00
.745
159.8
.890
39.1
.107
22.5
.602
–71.5
1900.00
.749
155.1
.850
35.5
.107
27.2
.595
–75.7
2000.00
.752
151.1
.820
32.3
.108
32.6
.586
–80.0
2100.00
.758
147.1
.785
29.3
.112
37.8
.582
–84.8
2200.00
.760
143.5
.756
26.7
.119
42.5
.579
–89.3
2300.00
.765
139.8
.727
24.0
.127
47.0
.576
–94.5
2400.00
.765
136.4
.703
21.6
.139
49.6
.573
–99.4
2500.00
.771
133.2
.678
19.3
.152
52.0
.570
–104.9
2600.00
.775
129.9
.657
17.2
.168
53.2
.565
–110.1
2700.00
.777
127.0
.633
15.4
.181
53.6
.566
–115.9
2800.00
.784
123.9
.616
13.5
.199
53.3
.565
–121.3
2900.00
.784
121.2
.596
12.0
.215
53.2
.567
–127.3
3000.00
.790
118.6
.584
10.6
.233
51.9
.567
–132.8
VCE = 1 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.842
–44.3
8.583
146.4
.055
62.1
.831
–32.8
200.00
.743
–83.2
7.816
125.8
.082
46.4
.619
–53.1
300.00
.683
–113.0
6.585
110.6
.095
38.8
.473
–64.8
400.00
.649
–133.3
5.491
99.9
.101
35.5
.379
–72.3
500.00
.633
–147.6
4.661
91.7
.108
34.9
.318
–78.5
600.00
.621
–157.8
3.977
85.2
.112
34.1
.272
–83.5
700.00
.618
–166.1
3.499
79.5
.118
34.5
.242
–87.8
800.00
.613
–172.9
3.094
74.6
.122
35.2
.217
–92.8
900.00
.616
–178.8
2.792
70.3
.129
35.7
.199
–97.3
1000.00
.614
175.9
2.525
65.9
.134
36.2
.187
–102.4
1100.00
.618
171.2
2.327
62.0
.141
37.1
.174
–106.5
1200.00
.622
166.9
2.158
58.2
.147
37.3
.170
–111.3
1300.00
.626
163.0
2.003
54.4
.154
38.0
.161
–116.6
1400.00
.630
159.1
1.878
50.7
.161
38.6
.160
–121.4
1500.00
.633
155.6
1.762
47.5
.168
38.4
.155
–128.6
1600.00
.640
152.1
1.668
44.3
.177
38.6
.156
–133.0
1700.00
.644
148.8
1.584
41.0
.183
38.5
.159
–140.4
1800.00
.651
146.0
1.503
37.7
.192
38.3
.160
–144.6
1900.00
.656
142.7
1.434
34.7
.200
37.9
.167
–152.0
2000.00
.663
139.9
1.371
31.7
.208
37.4
.167
–160.7
2100.00
.670
137.0
1.318
28.7
.217
36.7
.178
–166.1
2200.00
.674
134.3
1.267
26.4
.225
36.4
.185
–171.2
2300.00
.683
131.6
1.217
23.4
.234
35.7
.196
–176.2
2400.00
.686
129.1
1.173
20.7
.242
34.7
.205
179.3
2500.00
.694
126.7
1.134
18.2
.251
33.9
.218
175.3
2600.00
.701
124.2
1.094
15.4
.260
33.0
.227
170.3
2700.00
.707
122.0
1.056
13.3
.268
31.8
.244
166.4
2800.00
.712
119.6
1.026
10.7
.278
30.9
.255
162.7
2900.00
.717
117.4
.989
8.6
.286
29.9
.270
159.1
3000.00
.725
115.3
.964
6.4
.295
28.7
.282
155.9


Similar Part No. - 2SC5006

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5006 ISC-2SC5006 Datasheet
308Kb / 2P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006 Datasheet
241Kb / 12P
   SILICON TRANSISTOR
1993
2SC5006-T1 RENESAS-2SC5006-T1 Datasheet
241Kb / 12P
   SILICON TRANSISTOR
1993
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5006

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com