Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5006 Datasheet(PDF) 5 Page - NEC

Part # 2SC5006
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5006 Datasheet(HTML) 5 Page - NEC

  2SC5006 Datasheet HTML 1Page - NEC 2SC5006 Datasheet HTML 2Page - NEC 2SC5006 Datasheet HTML 3Page - NEC 2SC5006 Datasheet HTML 4Page - NEC 2SC5006 Datasheet HTML 5Page - NEC 2SC5006 Datasheet HTML 6Page - NEC 2SC5006 Datasheet HTML 7Page - NEC 2SC5006 Datasheet HTML 8Page - NEC 2SC5006 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5006
5
S-PARAMETER
VCE = 3 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.745
–49.8
15.831
144.0
.034
61.8
.782
–34.1
200.00
.627
–94.7
13.204
121.0
.049
51.3
.551
–50.9
300.00
.565
–123.3
10.330
106.9
.058
48.6
.412
–58.5
400.00
.535
–140.9
8.264
97.8
.066
48.6
.331
–62.2
500.00
.522
–153.3
6.841
91.1
.073
49.5
.278
–64.8
600.00
.518
–162.1
5.783
85.6
.080
50.7
.238
–66.7
700.00
.515
–169.5
5.026
80.9
.089
51.0
.212
–68.1
800.00
.515
–175.6
4.430
76.7
.096
51.8
.190
–70.6
900.00
.517
179.1
3.984
72.9
.104
52.2
.173
–71.8
1000.00
.518
174.3
3.589
69.2
.113
52.5
.160
–75.2
1100.00
.523
170.2
3.279
65.8
.122
52.7
.147
–76.7
1200.00
.528
165.9
3.042
62.5
.131
52.6
.140
–79.9
1300.00
.532
162.3
2.814
59.3
.139
52.1
.129
–83.1
1400.00
.538
158.6
2.629
55.9
.148
51.9
.124
–86.4
1500.00
.542
155.4
2.466
53.0
.157
51.1
.114
–91.6
1600.00
.549
152.3
2.334
49.8
.166
50.6
.111
–95.4
1700.00
.553
149.1
2.202
46.8
.175
49.8
.104
–103.8
1800.00
.562
146.4
2.093
44.1
.185
48.9
.101
–107.5
1900.00
.567
143.4
1.994
41.5
.194
47.5
.098
–118.2
2000.00
.577
140.7
1.902
38.5
.202
46.8
.088
–129.3
2100.00
.584
138.0
1.828
35.4
.210
45.8
.093
–138.5
2200.00
.590
135.6
1.749
33.1
.219
44.7
.092
–146.4
2300.00
.600
132.9
1.681
30.5
.229
43.5
.099
–155.3
2400.00
.605
130.7
1.616
27.8
.236
42.2
.104
–162.8
2500.00
.613
128.4
1.562
25.4
.246
41.2
.112
–170.0
2600.00
.622
126.0
1.507
22.7
.255
40.0
.119
–176.9
2700.00
.629
123.9
1.453
20.5
.263
38.8
.130
176.7
2800.00
.639
121.6
1.409
17.9
.272
37.1
.138
172.2
2900.00
.643
119.5
1.360
15.7
.280
36.0
.153
166.6
3000.00
.654
117.6
1.327
13.4
.290
34.7
.160
163.0
VCE = 3 V, IC = 7 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.812
–41.5
11.847
148.4
.036
64.6
.840
–27.9
200.00
.706
–80.2
10.621
127.0
.056
51.2
.634
–43.9
300.00
.629
–109.6
8.889
112.3
.066
45.3
.494
–51.4
400.00
.585
–129.8
7.349
101.8
.073
43.6
.405
–55.4
500.00
.562
–144.2
6.212
94.1
.079
43.8
.346
–57.7
600.00
.550
–154.6
5.288
88.0
.085
44.5
.303
–59.3
700.00
.544
–163.2
4.643
82.7
.091
45.1
.273
–60.6
800.00
.541
–170.2
4.102
78.1
.098
45.9
.249
–62.3
900.00
.543
–176.1
3.705
73.8
.104
47.2
.230
–63.4
1000.00
.541
178.5
3.346
69.8
.111
47.8
.216
–66.2
1100.00
.543
173.8
3.065
66.3
.119
48.0
.203
–67.4
1200.00
.548
169.1
2.835
62.8
.127
48.1
.195
–69.8
1300.00
.550
165.4
2.628
59.3
.134
48.5
.183
–72.3
1400.00
.557
161.4
2.460
56.0
.142
48.8
.176
–75.1
1500.00
.560
157.8
2.310
52.6
.149
48.2
.166
–78.7
1600.00
.568
154.4
2.184
49.7
.158
48.2
.162
–81.8
1700.00
.572
151.0
2.075
46.6
.166
47.6
.152
–87.6
1800.00
.580
148.2
1.966
43.7
.175
47.5
.149
–90.7
1900.00
.585
145.0
1.876
40.7
.183
46.7
.143
–97.9
2000.00
.594
142.1
1.784
38.0
.192
45.9
.128
–104.5
2100.00
.601
139.3
1.716
34.8
.200
45.3
.128
–112.1
2200.00
.608
136.8
1.646
32.4
.209
44.6
.124
–118.6
2300.00
.616
134.0
1.579
29.6
.218
43.7
.126
–126.7
2400.00
.620
131.5
1.520
26.9
.226
42.7
.127
–134.1
2500.00
.629
129.2
1.469
24.3
.235
41.8
.130
–142.4
2600.00
.638
126.7
1.418
21.7
.244
40.7
.133
–149.2
2700.00
.645
124.5
1.368
19.4
.253
39.6
.141
–157.4
2800.00
.653
122.1
1.326
16.8
.262
38.5
.147
–163.5
2900.00
.659
120.1
1.280
14.5
.271
37.4
.157
–170.6
3000.00
.669
118.1
1.249
12.2
.281
36.0
.165
–175.6


Similar Part No. - 2SC5006

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5006 ISC-2SC5006 Datasheet
308Kb / 2P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006 Datasheet
241Kb / 12P
   SILICON TRANSISTOR
1993
2SC5006-T1 RENESAS-2SC5006-T1 Datasheet
241Kb / 12P
   SILICON TRANSISTOR
1993
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5006

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com