Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBPS19022BK2 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PBPS19022BK2
Description  Mounting hardware not included
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBPS19022BK2 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBPS19022BK2 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBPS19022
NOTES
Material: 14 ga. Steel (0.072").
Mounting hardware not included.
8X
0.250 X 0.531, SLOT
PBPS19022BK2
PAINTED BLACK (SEMI-GLOSS)
PBPS19022CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBPS19022GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
PBPS19022LG2
PAINTED RAL7035 GRAY (SEMI-GLOSS)
PART NUMBERS
22.72 in
577 mm
19.00 in
483 mm
18.19 in
462 mm
5.75 in
146 mm
5.75 in
146 mm
8.25 in
210 mm
1.48 in
38 mm


Similar Part No. - PBPS19022BK2

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19022BK2 HAMMOND-PBPS19022BK2 Datasheet
64Kb / 1P
   Panneaux pour batis en acier
More results

Similar Description - PBPS19022BK2

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
   Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
   Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
   Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
   Mounting hardware not included
PBPA19029 HAMMOND-PBPA19029 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
   Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
   Mounting hardware not included
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
   Mounting hardware not included
PBFS19017 HAMMOND-PBFS19017 Datasheet
69Kb / 1P
   Mounting hardware not included
PBFS19021 HAMMOND-PBFS19021 Datasheet
69Kb / 1P
   Mounting hardware not included
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com