Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UESD64B Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UESD64B
Description  Quad/Five/Six Line ESD Protection Diode Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD64B Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UESD64B Datasheet HTML 1Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 2Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 3Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 4Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 5Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 6Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 7Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 8Page - Union Semiconductor, Inc. UESD64B Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.01 Mar.2012
1/11
UESD54B/55B/56B/57B/64B
Quad/Five/Six Line ESD Protection Diode Array
UESD54B SC70-5/SC88A/SOT353
UESD55B SC89-6/SOT563/SOT666
UESD56B SC89-6/SOT563/SOT666
UESD57B DFN1616-6L
UESD64B SC89-5/SOT553/SOT665
General Description
The UESD54B/55B/56B/57B/64B of TVS diode array is designed to protect sensitive electronics
from damage or latch-up due to ESD for use in applications where board space is at a premium. It is
unidirectional device and may be used on lines where the signal polarities are above ground. The
UESD54B/55B/64B will protect up to four lines, the UESD56B will protect up to five lines and the
UESD57B will protect up to six lines.
TVS diodes are solid-state devices feature large cross-sectional area junctions for conducting high
transient currents, specifically for transient suppression. It offers desirable characteristics for board
level protection including fast response time, low operating, low clamping voltage, and no device
degradation.
The UESD54B/55B/56B/57B/64B may be used to meet the immunity requirements of IEC 61000-4-2,
level 4. The small package makes them ideal for use in portable electronics such as cell phones,
PDA’s, notebook computers, and digital cameras.
Applications
Features
Cellular Handsets & Accessories
Cordless Phones
Personal Digital Assistants (PDA’s)
Notebooks & Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
Transient protection for data & power lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV
(contact)
Working Voltages: 5V
Low Leakage current
Low clamping voltage
Solid-state silicon avalanche technology
Ordering Information
Part
Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping
Qty
UESD54B
5.0V
SC70-5/SC88A/SOT353
4
UQ5
UESD55B
5.0V
SC89-6/SOT563/SOT666
4
UF5
UESD56B
5.0V
SC89-6/SOT563/SOT666
5
UB5
UESD57B
5.0V
DFN1616-6L
6
E57
UESD64B
5.0V
SC89-5/SOT553/SOT665
4
UR6
3000pcs/
7 Inch Reel


Similar Part No. - UESD64B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD64B UNIONSEMI-UESD64B Datasheet
380Kb / 10P
   Quad/Five/Six Line ESD Protection Diode Array
More results

Similar Description - UESD64B

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B_15 Datasheet
380Kb / 10P
   Quad/Five/Six Line ESD Protection Diode Array
logo
Stanson Technology
STE0515 STANSON-STE0515 Datasheet
88Kb / 5P
   Five-Line ESD Protection Array
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
   Five-Line ESD Protection Diode Array in SOT-363
Rev. 1.0, 14-Feb-2019
logo
Union Semiconductor, In...
UESD16V8S4C UNIONSEMI-UESD16V8S4C_16 Datasheet
163Kb / 6P
   Quad Line 12V ESD Protection Diode Array
UESD16V8S4C UNIONSEMI-UESD16V8S4C Datasheet
208Kb / 5P
   Quad Line 12V ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
   FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
   Single Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UM50125 UNIONSEMI-UM50125_14 Datasheet
283Kb / 7P
   Single Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com