Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7032AELC44-10 Datasheet(PDF) 48 Page - Altera Corporation

Part # EPM7032AELC44-10
Description  Programmable Logic Device
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7032AELC44-10 Datasheet(HTML) 48 Page - Altera Corporation

Back Button EPM7032AELC44-10 Datasheet HTML 44Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 45Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 46Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 47Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 48Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 49Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 50Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 51Page - Altera Corporation EPM7032AELC44-10 Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
48
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
tIC
Array clock delay
1.8
2.3
2.9
ns
tEN
Register enable time
1.0
1.3
1.7
ns
tGLOB
Global control delay
1.7
2.2
2.7
ns
tPRE
Register preset time
1.0
1.4
1.7
ns
tCLR
Register clear time
1.0
1.4
1.7
ns
tPIA
PIA delay
(2)
3.0
4.0
4.8
ns
tLPA
Low-power adder
(6)
4.5
5.0
5.0
ns
Table 26. EPM7512AE Internal Timing Parameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
-7
-10
-12
Min
Max
Min
Max
Min
Max


Similar Part No. - EPM7032AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AE ALTERA-EPM7032AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AE ALTERA-EPM7032AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device Family
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Similar Description - EPM7032AELC44-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com