Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF6016AQC208-2N Datasheet(PDF) 41 Page - Altera Corporation

Part # EPF6016AQC208-2N
Description  Programmable Logic Device Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF6016AQC208-2N Datasheet(HTML) 41 Page - Altera Corporation

Back Button EPF6016AQC208-2N Datasheet HTML 37Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 38Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 39Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 40Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 41Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 42Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 43Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 44Page - Altera Corporation EPF6016AQC208-2N Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Altera Corporation
41
FLEX 6000 Programmable Logic Device Family Data Sheet
tCO
0.3
0.4
0.4
ns
tCLR
0.4
0.4
0.5
ns
tC
1.8
2.1
2.6
ns
tLD_CLR
1.8
2.1
2.6
ns
tCARRY_TO_CARRY
0.1
0.1
0.1
ns
tREG_TO_CARRY
1.6
1.9
2.3
ns
tDATA_TO_CARRY
2.1
2.5
3.0
ns
tCARRY_TO_CASC
1.0
1.1
1.4
ns
tCASC_TO_CASC
0.5
0.6
0.7
ns
tREG_TO_CASC
1.4
1.7
2.1
ns
tDATA_TO_CASC
1.1
1.2
1.5
ns
tCH
2.5
3.0
3.5
ns
tCL
2.5
3.0
3.5
ns
Table 25. IOE Timing Microparameters for EPF6010A & EPF6016A Devices
Parameter
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tOD1
1.9
2.2
2.7
ns
tOD2
4.1
4.8
5.8
ns
tOD3
5.8
6.8
8.3
ns
tXZ
1.4
1.7
2.1
ns
tXZ1
1.4
1.7
2.1
ns
tXZ2
3.6
4.3
5.2
ns
tXZ3
5.3
6.3
7.7
ns
tIOE
0.5
0.6
0.7
ns
tIN
3.6
4.1
5.1
ns
tIN_DELAY
4.8
5.4
6.7
ns
Table 24. LE Timing Microparameters for EPF6010A & EPF6016A Devices (Part 2 of 2)
Parameter
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max


Similar Part No. - EPF6016AQC208-2N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF6016AQC208-2 ALTERA-EPF6016AQC208-2 Datasheet
405Kb / 52P
   Programmable Logic Device Family
More results

Similar Description - EPF6016AQC208-2N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com