Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CE10 Datasheet(PDF) 16 Page - Altera Corporation

Part # EP4CE10
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE10 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP4CE10 Datasheet HTML 12Page - Altera Corporation EP4CE10 Datasheet HTML 13Page - Altera Corporation EP4CE10 Datasheet HTML 14Page - Altera Corporation EP4CE10 Datasheet HTML 15Page - Altera Corporation EP4CE10 Datasheet HTML 16Page - Altera Corporation EP4CE10 Datasheet HTML 17Page - Altera Corporation EP4CE10 Datasheet HTML 18Page - Altera Corporation EP4CE10 Datasheet HTML 19Page - Altera Corporation EP4CE10 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
1–16
Chapter 1: Cyclone IV Device Datasheet
Power Consumption
Cyclone IV Device Handbook,
December 2013
Altera Corporation
Volume 3
Power Consumption
Use the following methods to estimate power for a design:
the Excel-based EPE
the QuartusII PowerPlay power analyzer feature
The interactive Excel-based EPE is used prior to designing the device to get a
magnitude estimate of the device power. The Quartus II PowerPlay power analyzer
provides better quality estimates based on the specifics of the design after
place-and-route is complete. The PowerPlay power analyzer can apply a combination
of user-entered, simulation-derived, and estimated signal activities that, combined
with detailed circuit models, can yield very accurate power estimates.
f For more information about power estimation tools, refer to the Early Power Estimator
User Guide and the PowerPlay Power Analysis chapter in volume 3 of the Quartus II
Handbook.
Switching Characteristics
This section provides performance characteristics of Cyclone IV core and periphery
blocks for commercial grade devices.
These characteristics can be designated as Preliminary or Final.
Preliminary characteristics are created using simulation results, process data, and
other known parameters. The upper-right hand corner of these tables show the
designation as “Preliminary”.
Final numbers are based on actual silicon characterization and testing. The
numbers reflect the actual performance of the device under worst-case silicon
process, voltage, and junction temperature conditions. There are no designations
on finalized tables.


Similar Part No. - EP4CE10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10 ALTERA-EP4CE10 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE10 ALTERA-EP4CE10 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10 ALTERA-EP4CE10 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10 ALTERA-EP4CE10 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10 ALTERA-EP4CE10 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CE10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com