Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5005 Datasheet(PDF) 1 Page - NEC

Part No. 2SC5005
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5005 Datasheet(HTML) 1 Page - NEC

  2SC5005 Datasheet HTML 1Page - NEC 2SC5005 Datasheet HTML 2Page - NEC 2SC5005 Datasheet HTML 3Page - NEC 2SC5005 Datasheet HTML 4Page - NEC 2SC5005 Datasheet HTML 5Page - NEC 2SC5005 Datasheet HTML 6Page - NEC 2SC5005 Datasheet HTML 7Page - NEC 2SC5005 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1992
DATA SHEET
SILICON TRANSISTOR
2SC5005
PACKAGE DIMENSIONS
in millimeters
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
DESCRIPTION
The 2SC5005 is a low supply voltage transistor designed for UHF
OSC/MIX.
It is suitable for a high density surface mount assembly since the
transistor has been applied ultra super mini mold package.
FEATURES
High fT : 5.5 GHz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 GHz)
Low Cre : 0.7 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz)
Ultra Super Mini Mold Package. (1.6 mm
× 0.8 mm)
ORDERING INFORMATION
QUANTITY
PACKING STYLE
Embossed tape 8 mm wide.
Pin 3 (Collector) face to
perforation side of the tape.
PART NUMBER
2SC5005
50 pcs./unit
2SC5005 – T1
3 kpcs./Reel
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
30
mA
Total Power Dissipation
PT
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Document No. P10384EJ2V0DS00 (2nd edition)
(Previous No. TD-2429)
Date Published July 1995
Printed in Japan
1995


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn