Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5005 Datasheet(PDF) 6 Page - NEC

Part No. 2SC5005
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5005 Datasheet(HTML) 6 Page - NEC

  2SC5005 Datasheet HTML 1Page - NEC 2SC5005 Datasheet HTML 2Page - NEC 2SC5005 Datasheet HTML 3Page - NEC 2SC5005 Datasheet HTML 4Page - NEC 2SC5005 Datasheet HTML 5Page - NEC 2SC5005 Datasheet HTML 6Page - NEC 2SC5005 Datasheet HTML 7Page - NEC 2SC5005 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5005
6
S–PARAMETER
VCE = 5 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
ANG
–5.8
–11.7
–16.7
–21.3
–25.4
–29.0
–32.2
–35.2
–37.8
–40.3
–42.4
–44.7
–46.8
–49.2
–51.4
–53.6
–55.9
–58.0
–60.6
–63.0
–65.8
–68.5
–71.5
–74.5
–77.6
–81.1
–84.6
–88.4
–92.1
–96.1
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
MAG
.867
.757
.646
.546
.458
.399
.350
.318
.295
.279
.270
.263
.261
.261
.264
.268
.273
.279
.287
.297
.306
.315
.327
.336
.348
.357
.369
.381
.392
.404
ANG
–19.3
–39.7
–58.4
–75.5
–91.1
–103.1
–115.0
–125.6
–135.6
–144.5
–153.1
–161.3
–168.6
–175.4
178.1
172.3
166.4
161.7
156.7
152.1
148.0
144.8
140.7
137.5
134.6
131.2
128.6
125.8
123.4
120.7
MAG
8.773
8.305
7.727
6.944
6.269
5.496
4.931
4.440
4.035
3.698
3.406
3.163
2.949
2.772
2.613
2.473
2.344
2.242
2.140
2.056
1.974
1.906
1.838
1.775
1.721
1.667
1.624
1.573
1.527
1.493
ANG
153.5
134.5
118.4
104.8
92.7
82.6
73.6
65.3
57.5
50.7
44.1
37.4
31.1
25.0
19.0
13.2
7.2
1.5
–4.4
–9.7
–15.5
–20.9
–26.4
–31.9
–37.1
–42.4
–47.7
–53.0
–58.1
–63.3
MAG
.028
.050
.065
.076
.087
.095
.104
.113
.122
.131
.141
.149
.159
.169
.178
.187
.196
.206
.216
.225
.235
.244
.253
.262
.270
.280
.289
.298
.307
.315
ANG
71.9
59.4
51.1
44.9
41.5
37.5
34.6
31.4
28.7
25.4
22.2
19.0
16.0
12.3
9.0
5.4
1.8
–1.9
–5.5
–9.5
–13.3
–17.1
–21.2
–24.9
–28.7
–32.9
–36.8
–40.8
–45.1
–49.0
MAG
.931
.810
.690
.602
.537
.488
.451
.422
.399
.377
.360
.345
.332
.320
.307
.297
.286
.275
.264
.256
.244
.236
.225
.215
.205
.198
.188
.181
.174
.168
ANG
–16.1
–28.1
–34.9
–38.9
–41.7
–43.2
–44.4
–45.6
–46.6
–48.1
–49.0
–50.4
–51.7
–54.0
–55.9
–57.7
–60.0
–62.0
–64.8
–67.2
–70.4
–73.5
–77.2
–80.7
–84.7
–89.4
–94.2
–99.4
–104.7
–110.9
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
ANG
–9.8
–19.8
–28.5
–38.1
–47.4
–55.9
–64.7
–73.6
–82.3
–91.5
–100.3
–109.1
–117.0
125.2
–132.9
–140.6
–148.5
–155.6
–163.0
–170.3
–177.0
177.0
170.8
165.1
159.9
154.8
150.1
145.5
141.4
137.4
MAG
1.971
2.002
2.041
2.023
2.036
1.913
1.885
1.851
1.806
1.794
1.765
1.731
1.667
1.623
1.569
1.519
1.479
1.427
1.389
1.354
1.315
1.275
1.251
1.211
1.184
1.157
1.132
1.102
1.078
1.055
ANG
165.5
150.9
138.6
127.1
117.0
106.6
96.6
86.8
77.6
68.7
60.0
51.7
43.8
36.0
28.5
21.4
14.3
7.5
.9
–5.7
–11.9
–18.1
–24.2
–30.2
–35.9
–41.8
–47.5
–53.1
–58.6
–64.1
MAG
.029
.054
.079
.100
.117
.133
.144
.154
.161
.169
.173
.178
.183
.187
.190
.193
.196
.200
.203
.207
.210
.214
.218
.222
.227
.233
.239
.245
.251
.258
ANG
78.9
69.6
60.1
51.7
43.6
36.1
29.6
23.3
17.7
12.4
7.6
3.2
–1.2
–5.1
–8.9
–12.3
–15.7
–18.7
–21.8
–24.7
–27.6
–30.5
–33.1
–35.9
–38.4
–41.3
–44.3
–46.9
–49.9
–52.6
MAG
.992
.973
.939
.906
.868
.837
.801
.769
.735
.708
.683
.662
.644
.626
.611
.595
.584
.570
.558
.549
.536
.530
.518
.510
.499
.491
.483
.477
.468
.464
MAG
.986
.957
.929
.891
.847
.803
.754
.709
.662
.613
.568
.528
.498
.467
.444
.426
.407
.397
.388
.381
.380
.378
.381
.384
.390
.395
.400
.410
.418
.429


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn