Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D680G25C0GH6.J5R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D680G25C0GH6.J5R
Description  Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D680G25C0GH6.J5R Datasheet(HTML) 3 Page - Vishay Siliconix

  D680G25C0GH6.J5R Datasheet HTML 1Page - Vishay Siliconix D680G25C0GH6.J5R Datasheet HTML 2Page - Vishay Siliconix D680G25C0GH6.J5R Datasheet HTML 3Page - Vishay Siliconix D680G25C0GH6.J5R Datasheet HTML 4Page - Vishay Siliconix D680G25C0GH6.J5R Datasheet HTML 5Page - Vishay Siliconix D680G25C0GH6.J5R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28512
36
Revision: 07-Jan-10
D Series Narrow Tolerance
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Note
(1) SH = seated height; DR = run down
• 1. Maximum thickness 3.5 mm
• Lead style codes refer to inward kinked leads and straight leads
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
C (PF)
TOL. (%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 N 750
100
± 2
7.5
5.0
4.0
D101G29U2JH6.J5R
2.5
1.5
D101G29U2JH6.L2R
150
8.5
5.0
4.0
D151G33U2JH6.J5R
2.5
1.5
D151G33U2JH6.L2R
220
10
5.0
4.0
D221G39U2JH6.J5R
2.5
1.5
D221G39U2JH6.L2R
330
12
5.0
4.0
D331G47U2JH6.J5R
2.5
1.5
D331G47U2JH6.L2R
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2500
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
ΔP
ΔP
Δh
Δh
D
P
2
P
P
1
P
0
D
0
H1
H
0
Direction of unreeling
Ø d
F
W
2
W
1
t
1
W
0
W
e
A
Kinked capacitors on tape, lead spacing 5.0 mm (0.2")
detail A


Similar Part No. - D680G25C0GH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D680G25C0GH6.J5R VISHAY-D680G25C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
More results

Similar Description - D680G25C0GH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com