Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RS2B
Description  1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS2B Datasheet(HTML) 2 Page - Diodes Incorporated

  RS2B Datasheet HTML 1Page - Diodes Incorporated RS2B Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S15004 Rev. E-2
2 of 2
RS2A/A - RS2M/A
0
0.5
1.0
1.5
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
T
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
T = 25°C
j
I Pulse Width: 300 µs
F
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
T = 150°C
j
40
50
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.4, Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j


Similar Part No. - RS2B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2B SSE-RS2B Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
RS2B CHONGQING-RS2B Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Yint Electroni...
RS2B YINT-RS2B Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
RS2B DIOTECH-RS2B Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
RS2B UNSEMI-RS2B Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
RS2AA DIODES-RS2AA_15 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS2A DIODES-RS2A_10 Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 11 - 2
logo
TAITRON Components Inco...
RS2A TAITRON-RS2A Datasheet
213Kb / 4P
   1.5A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS2J-13-F DIODES-RS2J-13-F Datasheet
104Kb / 4P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
   Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com