Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D339C20C0JH6.J5R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # D339C20C0JH6.J5R
Description  Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D339C20C0JH6.J5R Datasheet(HTML) 5 Page - Vishay Siliconix

  D339C20C0JH6.J5R Datasheet HTML 1Page - Vishay Siliconix D339C20C0JH6.J5R Datasheet HTML 2Page - Vishay Siliconix D339C20C0JH6.J5R Datasheet HTML 3Page - Vishay Siliconix D339C20C0JH6.J5R Datasheet HTML 4Page - Vishay Siliconix D339C20C0JH6.J5R Datasheet HTML 5Page - Vishay Siliconix D339C20C0JH6.J5R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28512
38
Revision: 07-Jan-10
D Series Narrow Tolerance
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
TEMPERATURE COEFFICIENT IN ACCORDANCE WITH RS198
C = 0.0
0 = - 1
G = ± 30
M = 1.0
1 = - 10
H = ± 60
P = 1.5
2 = - 100
J = ± 120
R = 2.2
3 = - 1000
K = ± 250
S = 3.3
5 = + 1
L = ± 500
T = 4.7
6 = + 10
M = ± 1000
U = 7.5
7 = + 100
N = ± 2500
-
8 = + 1000
-
140
120
100
80
60
40
20
0
- 20
- 40
- 60
16
-16
12
-12
8
-8
4
-4
0
T
DC
C
N750
N750
(°C)
(%)
NP0
NP0
Capacitance change as a function of temperature


Similar Part No. - D339C20C0JH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D339C20C0JH6.J5R VISHAY-D339C20C0JH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D339C20C0JH6.J5R VISHAY-D339C20C0JH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D339C20C0JH6.J5R VISHAY-D339C20C0JH6.J5R Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
D339C20C0JH6.J5R VISHAY-D339C20C0JH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D339C20C0JH6.J5R VISHAY-D339C20C0JH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D339C20C0JH6.J5R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com