Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D189C20C0KH6.L2R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # D189C20C0KH6.L2R
Description  Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D189C20C0KH6.L2R Datasheet(HTML) 6 Page - Vishay Siliconix

  D189C20C0KH6.L2R Datasheet HTML 1Page - Vishay Siliconix D189C20C0KH6.L2R Datasheet HTML 2Page - Vishay Siliconix D189C20C0KH6.L2R Datasheet HTML 3Page - Vishay Siliconix D189C20C0KH6.L2R Datasheet HTML 4Page - Vishay Siliconix D189C20C0KH6.L2R Datasheet HTML 5Page - Vishay Siliconix D189C20C0KH6.L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - D189C20C0KH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D189C20C0KH6.L2R VISHAY-D189C20C0KH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D189C20C0KH6.L2R VISHAY-D189C20C0KH6.L2R Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
More results

Similar Description - D189C20C0KH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com