Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835-IF43.75M-05B Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 835-IF43.75M-05B
Description  43.75 MHz IF SAW Filter 5.48 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF43.75M-05B Datasheet(HTML) 4 Page - Oscilent Corporation

  835-IF43.75M-05B Datasheet HTML 1Page - Oscilent Corporation 835-IF43.75M-05B Datasheet HTML 2Page - Oscilent Corporation 835-IF43.75M-05B Datasheet HTML 3Page - Oscilent Corporation 835-IF43.75M-05B Datasheet HTML 4Page - Oscilent Corporation 835-IF43.75M-05B Datasheet HTML 5Page - Oscilent Corporation 835-IF43.75M-05B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
835-IF43.75M-05B
January 2011 Rev A
43.75 MHz IF SAW Filter 5.48 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –40.0 dB
Attenuation 39.75 / 47.25MHz


Similar Part No. - 835-IF43.75M-05B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF43.75M-05A OSCILENT-835-IF43.75M-05A Datasheet
167Kb / 5P
   43.75 MHz IF SAW Filter 5.33 MHz Bandwidth
More results

Similar Description - 835-IF43.75M-05B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA04305BF TRANSKO-TA04305BF Datasheet
647Kb / 4P
   43.75 MHz IF SAW Filter / 5.48 MHz Bandwidth
Revision 0: 27 March 2008
logo
Oscilent Corporation
816-IF43.75M-A OSCILENT-816-IF43.75M-A_14 Datasheet
118Kb / 4P
   43.75 MHz IF SAW Filter 6.0 MHz Bandwidth
logo
Transko Electronics, In...
TA43AB1 TRANSKO-TA43AB1 Datasheet
404Kb / 3P
   43.75 MHz IF SAW Filter / 6.0 MHz Bandwidth
Revision 2: 10 Feb. 2009
TA04305AF TRANSKO-TA04305AF Datasheet
569Kb / 4P
   43.75 MHz IF SAW Filter / 5.33 MHz Bandwidth
Revision 0: 17 March 2008
logo
Oscilent Corporation
835-IF43.75M-05A OSCILENT-835-IF43.75M-05A Datasheet
167Kb / 5P
   43.75 MHz IF SAW Filter 5.33 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0182A TAI-SAW-TB0182A Datasheet
305Kb / 6P
   IF SAW Filter 43.75 MHz
TB1021A TAI-SAW-TB1021A Datasheet
440Kb / 7P
   IF SAW Filter 43.75 MHz
logo
API Technologies Corp
SF0043BA02523T APITECH-SF0043BA02523T Datasheet
228Kb / 3P
   43.75 MHz SAW Filter 6 MHz Bandwidth
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com