Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L200-TC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L200-TC
Description  LABFACILITY L200 USB HIGH PRECISION DIGITAL THERMOMETER/DATA LOGGER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L200-TC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L200-TC Datasheet HTML 1Page - List of Unclassifed Manufacturers L200-TC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification
at an ambient temperature of 20°C
Input / Ranges
Thermocouple to IEC 584
Type J
-200°C to 750°C
Type K
-200°C to1200°C
Type T
-200°C to 350°C
Type E
-200°C to 900°C
Type N
0°C to 1300°C
Type R
0°C to 1760°C
Type S
0°C to 1760°C
Type B
300°C to 1800°C
Pt100 to IEC751, 3 wire
-200°C to 850°C
Note: all inputs are non-isolated and sensors must be of
insulated construction.
Accuracy
Thermocouples J K T E & N
better than +/- 0.1°C +/-0.1% of
range -100°C to span (Zero to span
Type N) +/-0.15% of range
-101 to -200°C (J K T & E)
Thermocouples R S & B
better than+/-0.1°C +/-0.15%
of range
Linearisation
±0.05°C
Pt100 range
better than ±0.05°C ±0.1% of range
Zero drift
±0.01% of span per °C
Span drift
±0.01% of span per °C
Display
LCD, backlight
Display resolution
Thermocouple ranges 0.1°C
Pt100 range 0.01°C
User interface
Front panel key for channel No. or
auto-scan selection. PC software for
all other functions.
Indication
Channel No., measured temperature
(°C or °F)
Reference junction
Automatic, accurate reference
compensation for
junction compensation is incorporated
thermocouples
for thermocouple ranges
Self calibration
User facility incorporated.The
instrument auto-calibrates on every
A/D cycle *
Sensor open circuit
Upscale indication
detection & indication Independent alarms should be used
for Process safety if required
Ambient operating
0 to 50°C
temperature
Storage temperature
-20°C to 70°C
Display
LCD with backlight
Input Terminations
8 x thermocouple: mini connectors
8 x Pt100, terminal blocks
PC Interface
USB
Power supply
6Vdc (5.5-9.0V) via universal mains
adaptor (supplied) 120-250V 50/60Hz
Logging interval
5 seconds to 1 hour
On-board memory
512 sets of readings
PC software
Supplied as standard on CD-ROM
Remote control & measure:-
Log readings to file
Download to PC
Logging, calibration
* The integral, self-calibration facility for the thermocouple
version is a rapid and convenient method for on-site
calibration and does not require any additional equipment
other than the special, external link (optional).
Self-calibration of Pt100 ranges is quickly and conveniently
performed using plug-in precision resistors (optional).
Traceable calibration can be achieved by the user conveniently
and without recourse to a accredited Laboratory if there is
access to a certified DVM; this can be used to measure the
L200 internally generated calibrated Voltage via the “cal port”
presented externally to the instrument case. Considerable time
and cost saving are achieved by this method.
Ordering
Thermocouple input x8 L200-TC–00
Pt100 input x8
L200-PT–00
Custom calibration
details on application
Standard accessories
The L200 is supplied with a power
supply adaptor, USB lead, PC software,
and instruction manual (on CD).
L200-TC includes external link.
LABFACILITY LIMITED
www.labfacility.co.uk
SOUTHERN UK & EXPORT DIVISION: Units 5,6 & 7, Block K, Southern Cross Industrial Estate, Shripney Road, Bognor Regis,
West Sussex PO22 9SE Export Sales: tel: +44(0)1243 871287 fax: +44(0)1243 871281 email: exportsales@labfacility.co.uk
Southern UK Sales: tel: +44(0)1243 871280 fax: +44(0)1243 871281 email: southernsales@labfacility.co.uk
NORTHERN UK DIVISION: Eden Place, Unit 3b Outgang Lane, Dinnington, Sheffield S25 3QT
Northern UK Sales: tel: +44(0)1909 569446 fax: +44(0)1909 550632 email: northernsales@labfacility.co.uk
Data Ref: 050107DS/A Issue 4
Specifications may be subject to change


Similar Part No. - L200-TC

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
L200-0IW-20D LEDTRONICS-L200-0IW-20D Datasheet
57Kb / 3P
   L200-0IW-20D
L200-0IW-40D LEDTRONICS-L200-0IW-40D Datasheet
58Kb / 3P
   L200-0IW-40D
L200-0WW-20D LEDTRONICS-L200-0WW-20D Datasheet
54Kb / 3P
   L200-0WW-20D
More results

Similar Description - L200-TC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
   High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS18S20 MAXIM-DS18S20 Datasheet
317Kb / 23P
   High-Precision 1-Wire Digital Thermometer
Rev 8/10
logo
List of Unclassifed Man...
EL-USB-TC ETC2-EL-USB-TC Datasheet
951Kb / 3P
   Thermocouple Data Logger with USB Interface
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Pico Technology Ltd.
ADC-20 PICO-ADC-20 Datasheet
5Mb / 9P
   High-resolution data logger
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com