Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4959 Datasheet(PDF) 2 Page - NEC

Part # 2SC4959
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4959 Datasheet(HTML) 2 Page - NEC

  2SC4959 Datasheet HTML 1Page - NEC 2SC4959 Datasheet HTML 2Page - NEC 2SC4959 Datasheet HTML 3Page - NEC 2SC4959 Datasheet HTML 4Page - NEC 2SC4959 Datasheet HTML 5Page - NEC 2SC4959 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC4959
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Collector Cutoff Current
ICBO
0.1
µAVCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 1 V, IC = 0
DC Current Gain
hFE
75
150
VCE = 3 V, IC = 10 mA*1
Gain Bandwidth Product
fT
12
GHz
VCE = 3 V, IC = 10 mA, f = 2.0 GHz
Feed back Capacitance
Cre
0.4
0.7
pF
VCB = 3 V, IE = 0, f = 1 MHz*2
Insertion Power Gain
|S21e|2
7
8.5
dB
VCE = 3 V, IC = 10 mA, f = 2.0 GHz
Noise Figure
NF
1.5
2.5
dB
VCE = 3 V, IC = 3 mA, f = 2.0 GHz
*1
Pulse Measurement ; PW
≤ 350
µs, Duty Cycle ≤ 2 % Pulsed.
*2
Measured with 3 terminals bridge, Emitter and Case should be grounded.
hFE Classification
Rank
T83
Marking
T83
hFE
75 to 150
TYPICAL CHARACTERISTICS (TA = 25
°C)
50
200
100
0
50
100
150
40
30
20
10
0
0.5
1.0
VCE = 3 V
TOTAL POWER DISSIPATION
vs.AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Free Air
TA – Ambient Temperature – °C
VBE – Base to Emitter Voltage – V


Similar Part No. - 2SC4959

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4959 RENESAS-2SC4959 Datasheet
208Kb / 14P
   Silicon Transistor
1997
More results

Similar Description - 2SC4959

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com