Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBPA19012CG2 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PBPA19012CG2
Description  Mounting hardware not included
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBPA19012CG2 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBPA19012CG2 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBPA19012
NOTES
Material: 0.125" Aluminum.
Mounting hardware not included.
8X
0.250 X 0.531
SLOT
PAINTED RAL7035 GRAY (SEMI-GLOSS)
PART NUMBERS
UNFINISHED
PBPA19012UNF
PBPA19012BK2
PAINTED BLACK (SEMI-GLOSS)
PBPA19012CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBPA19012GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
PBPA19012LG2
12.22 in
310 mm
19.00 in
483 mm
18.19 in
462 mm
3.50 in
89 mm
3.50 in
89 mm
2.25 in
57 mm
1.48 in
38 mm


Similar Part No. - PBPA19012CG2

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPA19010 HAMMOND-PBPA19010 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19010BK2 HAMMOND-PBPA19010BK2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19010CG2 HAMMOND-PBPA19010CG2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19010GY2 HAMMOND-PBPA19010GY2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19010LG2 HAMMOND-PBPA19010LG2 Datasheet
69Kb / 1P
   Mounting hardware not included
More results

Similar Description - PBPA19012CG2

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
   Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
   Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
   Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
   Mounting hardware not included
PBPA19029 HAMMOND-PBPA19029 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
   Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
   Mounting hardware not included
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
   Mounting hardware not included
PBFS19017 HAMMOND-PBFS19017 Datasheet
69Kb / 1P
   Mounting hardware not included
PBFS19021 HAMMOND-PBFS19021 Datasheet
69Kb / 1P
   Mounting hardware not included
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com