Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBPA19010 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PBPA19010
Description  Mounting hardware not included
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBPA19010 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBPA19010 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBPA19010
NOTES
Material: 0.125" Aluminum.
Mounting hardware not included.
8X
0.250 X 0.531
SLOT
PART NUMBERS
UNFINISHED
PBPA19010UNF
PBPA19010BK2
PAINTED BLACK (SEMI-GLOSS)
PBPA19010CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBPA19010GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
PBPA19010LG2
PAINTED RAL7035 GRAY (SEMI-GLOSS)
10.47 in
266 mm
19.00 in
483 mm
18.19 in
462 mm
2.25 in
57 mm
2.25 in
57 mm
3.00 in
76 mm
1.48 in
38 mm


Similar Part No. - PBPA19010

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPA19012 HAMMOND-PBPA19012 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19012BK2 HAMMOND-PBPA19012BK2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19012CG2 HAMMOND-PBPA19012CG2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19012GY2 HAMMOND-PBPA19012GY2 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19012LG2 HAMMOND-PBPA19012LG2 Datasheet
69Kb / 1P
   Mounting hardware not included
More results

Similar Description - PBPA19010

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
   Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
   Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
   Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
   Mounting hardware not included
PBPA19029 HAMMOND-PBPA19029 Datasheet
69Kb / 1P
   Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
   Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
   Mounting hardware not included
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
   Mounting hardware not included
PBFS19017 HAMMOND-PBFS19017 Datasheet
69Kb / 1P
   Mounting hardware not included
PBFS19021 HAMMOND-PBFS19021 Datasheet
69Kb / 1P
   Mounting hardware not included
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com