Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA480A Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # P4SMA480A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P4SMA480A Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  P4SMA480A Datasheet HTML 1Page - Cystech Electonics Corp. P4SMA480A Datasheet HTML 2Page - Cystech Electonics Corp. P4SMA480A Datasheet HTML 3Page - Cystech Electonics Corp. P4SMA480A Datasheet HTML 4Page - Cystech Electonics Corp. P4SMA480A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C767SA
Issued Date : 2009.05.19
Revised Date :2010.01.14
Page No. : 4/5
P4SMA6.8A thru P4SMA550CA
CYStek Product Specification
Characteristic Curves


Similar Part No. - P4SMA480A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA480A LITTELFUSE-P4SMA480A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Vishay Siliconix
P4SMA480A VISHAY-P4SMA480A Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
logo
Shanghai Shunye Electro...
P4SMA480A SHUNYE-P4SMA480A Datasheet
349Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4SMA480A DIOTEC-P4SMA480A Datasheet
135Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4SMA480A LUGUANG-P4SMA480A Datasheet
123Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - P4SMA480A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com