Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA100A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # P4SMA100A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P4SMA100A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  P4SMA100A Datasheet HTML 1Page - Cystech Electonics Corp. P4SMA100A Datasheet HTML 2Page - Cystech Electonics Corp. P4SMA100A Datasheet HTML 3Page - Cystech Electonics Corp. P4SMA100A Datasheet HTML 4Page - Cystech Electonics Corp. P4SMA100A Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C767SA
Issued Date : 2009.05.19
Revised Date :2010.01.14
Page No. : 3/5
P4SMA6.8A thru P4SMA550CA
CYStek Product Specification
Electrical Characteristics(Cont.)
Device
Marking
Code
Breakdown
Voltage
V(BR)
(V)
1
Device
UNI
BI
Min
Max
Test
current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient
of
V(BR)
(%/°C)
P4SMA 220A 220A 220C
209
231
1.0
185
1.0
1.8
328
0.108
P4SMA 250A 250A 250C
237
263
1.0
214
1.0
1.7
344
0.108
P4SMA 300A 300A 300C
285
315
1.0
256
1.0
1.4
414
0.108
P4SMA 350A 350A 350C
333
368
1.0
300
1.0
1.2
482
0.108
P4SMA 400A 400A 400C
380
420
1.0
342
1.0
1.1
548
0.108
P4SMA 440A 440A 440C
418
462
1.0
376
1.0
1.0
602
0.108
P4SMA 480A 480A 480C
456
504
1.0
408
1.0
0.9
658
0.108
P4SMA 510A 510A 510C
485
535
1.0
434
1.0
0.9
698
0.108
P4SMA 530A 530A 530C 503.5 556.5
1.0
450
1.0
0.8
725
0.108
P4SMA 540A 540A 540C
513
567
1.0
459
1.0
0.8
740
0.108
P4SMA 550A 550A 550C 522.5 577.5
1.0
495
1.0
0.8
760
0.108
Note: 1.V(BR) measured after IT applied for 300μs, IT=square wave pulse or equivalent
2.Surge current waveform per Fig. 3 and derate per Fig.2
3.For bidirectional types with VWM of 10 volts and less, the ID limit is doubled
4.All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - P4SMA100A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA100A WTE-P4SMA100A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
P4SMA100A BOURNS-P4SMA100A Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
HuaXinAn Electronics CO...
P4SMA100A HUAXINAN-P4SMA100A Datasheet
447Kb / 5P
   400W Transient Voltage Suppressors
logo
Silicon Standard Corp.
P4SMA100A SSC-P4SMA100A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Central Semiconductor C...
P4SMA100A CENTRAL-P4SMA100A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA100A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com